Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7721FDWVR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7721FDWVR
Description  High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7721FDWVR Datasheet(HTML) 22 Page - Texas Instruments

Back Button ISO7721FDWVR Datasheet HTML 18Page - Texas Instruments ISO7721FDWVR Datasheet HTML 19Page - Texas Instruments ISO7721FDWVR Datasheet HTML 20Page - Texas Instruments ISO7721FDWVR Datasheet HTML 21Page - Texas Instruments ISO7721FDWVR Datasheet HTML 22Page - Texas Instruments ISO7721FDWVR Datasheet HTML 23Page - Texas Instruments ISO7721FDWVR Datasheet HTML 24Page - Texas Instruments ISO7721FDWVR Datasheet HTML 25Page - Texas Instruments ISO7721FDWVR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
Time = 3.5 ns / div
Time = 3.5 ns / div
GND1
GND2
INB
OUTB
INA
OUTA
GND1
GND2
GND2
VCC2
VCC1
GND1
NC
GND2
9
8
GND1
NC
10
7
NC
NC
11
6
INB
OUTB
12
5
OUTA
INA
13
4
VCC1
VCC2
14
3
NC
NC
15
2
GND1
GND2
16
1
0.1 µF
0.1 µF
22
ISO7720, ISO7721
SLLSEP3C – NOVEMBER 2016 – REVISED JULY 2018
www.ti.com
Product Folder Links: ISO7720 ISO7721
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
Typical Application (continued)
9.2.1 Design Requirements
To design with these devices, use the parameters listed in Table 3.
Table 3. Design Parameters
PARAMETER
VALUE
Supply voltage, VCC1 and VCC2
2.25 V to 5.5 V
Decoupling capacitor between VCC1 and GND1
0.1 µF
Decoupling capacitor from VCC2 and GND2
0.1 µF
9.2.2 Detailed Design Procedure
Unlike optocouplers, which require external components to improve performance, provide bias, or limit current,
the ISO772x devices only require two external bypass capacitors to operate.
Figure 22. Typical ISO7721 Circuit Hook-up
9.2.3 Application Curve
The following typical eye diagrams of the ISO772x family of devices indicate low jitter and wide open eye at the
maximum data rate of 100 Mbps.
Figure 23. ISO7720 Eye Diagram at 100 Mbps PRBS,
5-V Supplies and 25°C
Figure 24. ISO7721 Eye Diagram at 100 Mbps PRBS,
5-V Supplies and 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com