Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1183AG-12-AF5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LB1183AG-12-AF5-R
Description  300mA CMOS LDO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LB1183AG-12-AF5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LB1183AG-12-AF5-R Datasheet HTML 1Page - Unisonic Technologies LB1183AG-12-AF5-R Datasheet HTML 2Page - Unisonic Technologies LB1183AG-12-AF5-R Datasheet HTML 3Page - Unisonic Technologies LB1183AG-12-AF5-R Datasheet HTML 4Page - Unisonic Technologies LB1183AG-12-AF5-R Datasheet HTML 5Page - Unisonic Technologies LB1183AG-12-AF5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
L1183A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-315.M
ABSOLUTE MAXIMUM RATING (Unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
-0.3~ +6.5
V
Input Voltage (EN,BYP)
-0.3~ +6.5
V
Output Voltage
VOUT
-0.3~ VIN+0.3
V
Output Current
IOUT
300
mA
Power Dissipation
PD
400
mW
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Ambient Temperature
TA
- 40 ~ +85
°C
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-65 ~ +150
°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
280
°C/W
Junction to Case (Note)
θJC
140
°C/W
Note: θJC on center of molding compound if IC has on tab.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com