Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD3870G-15-AF5-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LD3870G-15-AF5-R
Description  LOW DROPOUT VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD3870G-15-AF5-R Datasheet(HTML) 5 Page - Unisonic Technologies

  LD3870G-15-AF5-R Datasheet HTML 1Page - Unisonic Technologies LD3870G-15-AF5-R Datasheet HTML 2Page - Unisonic Technologies LD3870G-15-AF5-R Datasheet HTML 3Page - Unisonic Technologies LD3870G-15-AF5-R Datasheet HTML 4Page - Unisonic Technologies LD3870G-15-AF5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LD3870
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R102-027.G
TYPICAL APPLICATON
For ON/OFF Control is not required:
VIN
VOUT
CONTROL
NOISE
BYPASS
GND
(ceramic or tantalum)
(0~300kΩ)
R
VOUT
0.1 μF
Cp=0.01 μF
4.7 μF
UTC LD3870
Connect control terminal to VIN terminal
The quiescent current can be reduced by using a resistance “R”. Instead, it increases the minimum operating
voltage. For further information, please refer to Figure ”Output Voltage vs. Control Voltage”.
For In use of ON/OFF CONTROL:
VIN
VOUT
CONTROL
NOISE
BYPASS
GND
(ceramic or tantalum)
R
VOUT
VIN
UTC LD3870
4.7 μF
Cp=0.01 μF
0.1 μF
State of control terminal:
* ”H”  Output is enables.
* ”L”or “open”  Output is disabled.
* Noise bypass Capacitance Cp
-
Noise bypass capacitance Cp reduces noise generated by hand-gap reference circuit.
-
Noise level and ripple rejection will be improved when larger Cp is used.
-
Use of smaller Cp value may cause oscillation.
-
Use the Cp value of 0.01uF greater to avoid the problem.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com