Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR1101 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LR1101
Description  QUIESCENT CURRENT CMOS LDO REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1101 Datasheet(HTML) 4 Page - Unisonic Technologies

  LR1101 Datasheet HTML 1Page - Unisonic Technologies LR1101 Datasheet HTML 2Page - Unisonic Technologies LR1101 Datasheet HTML 3Page - Unisonic Technologies LR1101 Datasheet HTML 4Page - Unisonic Technologies LR1101 Datasheet HTML 5Page - Unisonic Technologies LR1101 Datasheet HTML 6Page - Unisonic Technologies LR1101 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LR1101
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R102-034.H
APPLICATION INFORMATION
Between VOUT and GND a 1μF (or larger) capacitor is recommended for stability. Without the capacitor the part
may oscillate. When operating below -25°C any type of capacitor can be used, but not Aluminum electrolytes. If
there’s no limit the capacitance may be increased.
Between VIN to GND a 1μF capacitor (or larger) should be placed.
APPLICATION CIRCUIT
VIN
GND
VOUT
UTC LR1101
VIN
VOUT
CI
1µF
CO
1µF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com