Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC150 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ADC150
Description  Programmable Integrating A/D Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADC150 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ADC150 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADC150 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADC150 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADC150 Datasheet HTML 4Page - List of Unclassifed Manufacturers ADC150 Datasheet HTML 5Page - List of Unclassifed Manufacturers ADC150 Datasheet HTML 6Page - List of Unclassifed Manufacturers ADC150 Datasheet HTML 7Page - List of Unclassifed Manufacturers ADC150 Datasheet HTML 8Page - List of Unclassifed Manufacturers ADC150 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
APPLICATIONS
• TEST EQUIPMENT
• DATA ACQUISITION
• SCIENTIFIC INSTRUMENTS
• MEDICAL INSTRUMENTS
• SEISMOLOGICAL EQUIPMENT
• ROBOTIC SYSTEMS
• WEIGHING SYSTEMS
FEATURES
• 24 BIT RESOLUTION
• SOFTWARE SELECTABLE FEATURES
• 0.5ppm/°C MAX. SCALE FACTOR ERROR
• 2 ppm MAX. LINEARITY ERROR
• AUTO ZERO
• BUS COMPATIBLE
• INTERNAL CLOCK and REFERENCE
• LOW POWER CONSUMPTION (0.450 WATTS)
ADC150C
-25°C to +85°C
60ppm
ADC150CA
-25°C to +85°C
30ppm
ADC150M
-55°C to +125°C
100ppm
Temperature
Max. Scale
Type
Operating Range
Factor Deviation
DESCRIPTION
ADC150 is a high performance programmable 24-
bit integrating A/D converter based on a patented
architecture. The integration time and resolution
along with the power line cycle selection can be
easily programmed through the Mode Control
Byte.
ADC150 offers 2 ppm max. linearity error and
1 ppm/°C max. scale factor error over the military temperature range. It also has excellent offset stability at
2 ppm max. which the user can auto zero if desired.
ADC150's compatibility with popular microcomputer buses increases its ease of application in smart
systems. An on-board microprocessor controls all internal functions of the ADC150. Thaler designers
have minimized external connections to greatly reduce the problem often encountered when applying
ADC's.
Operating from ±15VDC and a +5VDC power supply, ADC150 is packaged in a hermetically sealed 40-pin
ceramic DIP package. Precision test equipment, scientific and medical instruments, and data acquisition
systems are primary application areas for the unusually high resolution and accuracy of this ADC.
THALER CORPORATION • 2015 N. FORBES BOULEVARD • TUCSON, AZ. 85745 • (520) 882-4000
ADC150
Programmable
Integrating A/D Converter
ADC150DS REV. F MAR 00


Similar Part No. - ADC150

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADC150 ETC2-ADC150 Datasheet
201Kb / 4P
Evaluation Kit For A/D Converters
logo
RHOPOINT COMPONENTS
ADC150 RHOPOINT-ADC150 Datasheet
217Kb / 9P
Programmable Integrating A/D Converter
More results

Similar Description - ADC150

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC850 MICROCHIP-TC850 Datasheet
539Kb / 26P
15-Bit, Fast Integrating CMOS A/D Converter
2006
logo
List of Unclassifed Man...
ADC100C ETC-ADC100C Datasheet
127Kb / 7P
Precision 22 Bit Integrating A/D Converter
ADC180 ETC-ADC180 Datasheet
137Kb / 7P
Programmable Integrating A/D Converter
logo
Mitsubishi Electric Sem...
M62301SP MITSUBISHI-M62301SP Datasheet
102Kb / 9P
10~12-BIT 4CH INTEGRATING A-D CONVERTER
logo
Renesas Technology Corp
M62301SP RENESAS-M62301SP Datasheet
157Kb / 12P
10 to 12-bit 4-ch Integrating A/D Converter
logo
RHOPOINT COMPONENTS
ADC150 RHOPOINT-ADC150 Datasheet
217Kb / 9P
Programmable Integrating A/D Converter
ADC180 RHOPOINT-ADC180 Datasheet
259Kb / 7P
Programmable Integrating A/D Converter
logo
IC-Haus GmbH
IC-OC ICHAUS-IC-OC Datasheet
198Kb / 9P
INTEGRATING LIGHT-VOLTAGE CONVERTER
logo
Microchip Technology
TC850 MICROCHIP-TC850_13 Datasheet
350Kb / 30P
15-Bit, Fast Integrating CMOS A/D Converter
11/29/12
logo
Analog Devices
AD1170 AD-AD1170_15 Datasheet
1Mb / 12P
High Resolution Programmable Intergrating A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com