Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1138BG-35-AF5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LB1138BG-35-AF5-R
Description  HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LB1138BG-35-AF5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LB1138BG-35-AF5-R Datasheet HTML 1Page - Unisonic Technologies LB1138BG-35-AF5-R Datasheet HTML 2Page - Unisonic Technologies LB1138BG-35-AF5-R Datasheet HTML 3Page - Unisonic Technologies LB1138BG-35-AF5-R Datasheet HTML 4Page - Unisonic Technologies LB1138BG-35-AF5-R Datasheet HTML 5Page - Unisonic Technologies LB1138BG-35-AF5-R Datasheet HTML 6Page - Unisonic Technologies LB1138BG-35-AF5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
L1138B
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-323.K
ABSOLUTE MAXIMUM RATING (TA = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
VIN
7
V
Input Voltage
VON/OFF
VIN+0.3
V
Output Voltage
VOUT
VIN+0.3
V
Power Dissipation
PD
Internally limited
mW
Operating Temperature
TOPR
-40~+85
°C
Storage Temperature
TSTG
-40~+125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA= 25°C, VIN=VOUT+1V, unless otherwise specified)
Parameter
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Input Voltage
VIN
6.5
V
Output Voltage (Note 1)
VOUT(E)
VIN =VOUT(S)+1.0V, IOUT =100mA
-1%
+1%
V
Line Regulation
OUT
IN
OUT1
V
×
∆V
∆V
VOUT(S) + 0.5V ≤VIN ≤6.5V,
IOUT = 100mA
0.05
0.3
%/V
Load Regulation
∆VOUT2
VIN = VOUT(S) + 1.0 V,
1.0mA ≤IOUT ≤300mA
30
100
mV
Output Current (Note 2)
IOUT
VIN ≤VOUT(S)+1.0 V
800
mA
Operation
ISS1
VIN = VOUT(S) +1.0 V,
ON/OFF pin = ON, no load
80
160
µA
Current
Consumption
During
Shutdown
ISS2
VIN = VOUT(S) + 1.0 V,
ON/OFF pin = OFF, no load
0.1
1.0
µA
Short-Circuit Current
ISHORT
VIN = VOUT(S) + 1.0 V,
ON/OFF pin = ON, VOUT = 0 V
350
mA
VOUT(S) =1.2V
0.8
1.0
VOUT(S) =2.5V
0.15
0.22
VOUT(S) =2.8V
0.15
0.22
Dropout Voltage (Note 3)
VD
IOUT = 300mA
3.3V ≤ VOUT(S) ≤ 5.5V
0.12
0.18
V
Temperature Coefficient of
Output Voltage
TCVO
VIN = VOUT(S) +1.0V,
IOUT = 10mA, -40°C≤ TA ≤85°C
±150
ppm/°C
1.2V ≤VOUT(S)≤ 3.0V
70
Power Supply Rejection
PSRR
VIN= VOUT(S)+1.0 V
f = 1.0kHz,
IOUT = 100 mA
∆Vrip = 0.5Vrms
3.1V ≤VOUT(S)≤ 5.5V
65
dB
High
VSH
VIN = VOUT(S) +1.0V
1.5
V
Shutdown Pin
Input Voltage
Low
VSL
VIN = VOUT(S) + 1.0V
0.3
V
High
ISH
VIN = 6.5V, VON/OFF = 6.5V
-0.1
0.1
µA
Shutdown Pin
Input Current
Low
ISL
VIN = 6.5V, VON/OFF = 0V
-0.1
0.1
µA
Detection
TSD
Junction temperature
150
°C
Thermal
Shutdown
Temperature
Release
TSR
Junction temperature
120
°C
Notes: 1. VOUT(S): Specified output voltage.
VOUT(E): Actual output voltage at the fixed load
2. When fixing( IOUT= 100mA) and inputting VOUT(S) + 1.0 V
3. This output current means the one at which the output voltage becomes 98% of VOUT(E) after gradually
increasing the output current.
4. The dropant voltage is detmed as VIN - VOUT, which is measured when VOUT is VOUT(normal) × 98%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com