Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1MX55G-50-SH2-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # R1MX55G-50-SH2-R
Description  VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

R1MX55G-50-SH2-R Datasheet(HTML) 5 Page - Unisonic Technologies

  R1MX55G-50-SH2-R Datasheet HTML 1Page - Unisonic Technologies R1MX55G-50-SH2-R Datasheet HTML 2Page - Unisonic Technologies R1MX55G-50-SH2-R Datasheet HTML 3Page - Unisonic Technologies R1MX55G-50-SH2-R Datasheet HTML 4Page - Unisonic Technologies R1MX55G-50-SH2-R Datasheet HTML 5Page - Unisonic Technologies R1MX55G-50-SH2-R Datasheet HTML 6Page - Unisonic Technologies R1MX55G-50-SH2-R Datasheet HTML 7Page - Unisonic Technologies R1MX55G-50-SH2-R Datasheet HTML 8Page - Unisonic Technologies R1MX55G-50-SH2-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
R1MX55
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 9
www.unisonic.com.tw
QW-R101-023.H
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNITS
FOR SOT-89-5
Input Voltage (Note 2)
VIN
15
V
ON/OFF Control Voltage (Note 2)
VC
15
V
Output Adiustment pin Voltage (Note 2)
VADJ
15
V
Output Current
IOUT
500
mA
Power Dissipation
PD
900
mW
Junction Temperature
TJ
150
°C
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-55 ~ +150
°C
FOR HSOP-8
Input Voltage
VIN
15
V
Enable Voltage
VC
15
V
Power Dissipation
PD
1100
mW
Junction Temperature
TJ
+125
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1.
2.
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
All are open except GND and applicable terminals.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
For Fixed Voltage
(Unless otherwise specified, VIN=3.0V, IO=30mA, VC=1.8V, TA=25°C (1.5V,1.8V))
(Unless otherwise specified, VIN=VO(TYP.)+1.0V, IO=30mA, VC=1.8V, TA=25°C (2.5V,3.3V,5V))
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP MAX UNIT
1.5V
1.44
1.5
1.56
1.8V
1.74
1.8
1.86
2.5V
2.440
2.5
2.560
3.3V
3.234
3.3
3.366
Output Voltage
5.0V
VO
4.900
5.0
5.100
V
Load Regulation
REGLOAD
IO=5mA~500mA
60
200
mV
1.5V
VIN=3.0V~7.5V
1.8V
VIN=3.0V~7.8V
Line Regulation
2.5V/3.3V
REGLINE
VIN=VO(TYP.)+1V to VO(TYP.)+
6V(MAX9V)
3.0
20
mV
Temperature coefficient of output voltage
TCVO
10kHz<f<100kHz, CN=0.1μF,
IO=30mA
0.1
mV/°C
Ripple rejection
RR
Refer to Fig below
65
dB
Output noise voltage
VNO(RMS)
30
μV
Dropout Voltage
VDROP
IOUT=500mA
400
700
mV
ON-state voltage for control
VC(ON)
1.8
V
ON-state current for control
IC(ON)
VC=1.8V
20
70
μA
OFF-state voltage for control
VC(OFF)
0.4
V
Quiescent Current
IQ
IO=0mA
0.6
1
mA
Output OFF-state dissipation current
IQS
VC=0.2V
1
μA
Note: In case that the control terminal (3th pin) is non-connection, output voltage should be OFF state.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com