Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1138BL-50-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LB1138BL-50-S08-R
Description  HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LB1138BL-50-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LB1138BL-50-S08-R Datasheet HTML 1Page - Unisonic Technologies LB1138BL-50-S08-R Datasheet HTML 2Page - Unisonic Technologies LB1138BL-50-S08-R Datasheet HTML 3Page - Unisonic Technologies LB1138BL-50-S08-R Datasheet HTML 4Page - Unisonic Technologies LB1138BL-50-S08-R Datasheet HTML 5Page - Unisonic Technologies LB1138BL-50-S08-R Datasheet HTML 6Page - Unisonic Technologies LB1138BL-50-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L1138B
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R502-323.K
HIGH OUTPUT CURRENT CMOS
VOLTAGE REGULATOR WITH
HIGH RIPPLE-REJECTION AND
LOW DROPOUT
DESCRIPTION
The UTC L1138B is a positive LDO voltage regulator using CMOS
technology. It is featured as: low dropout voltage, high output voltage
accuracy, and low current consumption.
The internal circuits include a low on-resistance transistor to provide
a low dropout voltage and large output current; an overcurrent protector
to make sure the load current don’t exceed the current capacitance of
the output transistor, a thermal shutdown circuit to escape device
damage from over-heat, and an ON/OFF circuit to keep the battery life
longer.
In applications, the UTC L1138B can be used in power supply unit
for DVD, CD-ROM drives, battery-powered devices, personal
communication devices, and NBs.
SOP-8
1
SOT-89-5
SOT-25
1
3
5
2
4
FEATURES
* Output voltage‘s high accuracy: ±1.0%
* Low dropout voltage:
120mV typ.
@3.3V output , IOUT=300mA
* Low current consumption:
80μA(Typ.)160μA max in operation
0.1μA(Typ.)1.0μA max in shutdown mode
* High current capability:
800mA output
@VIN≥VOUT(S)+1.0V
* With ON/OFF circuit:
Ensures long battery life.
* High ripple rejection
70dB typ@1.0kHz
* With over current protector
* With thermal shutdown circuit
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
L1138BG-xx-AB5-R
L1138BG-xx-AB5-R
SOT-89-5
Tape Reel
L1138BG-xx-AF5-R
L1138BG-xx-AF5-R
SOT-25
Tape Reel
L1138BG-xx-S08-R
L1138BG-xx-S08-R
SOP-8
Tape Reel
xx: Output Voltage, refer to Marking Information.


Similar Part No. - LB1138BL-50-S08-R

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
LB1101A PF-LB1101A Datasheet
597Kb / 3P
Digital Input
2021-12-01
LB1102A PF-LB1102A Datasheet
534Kb / 3P
Digital Input
2021-11-16
LB1103A PF-LB1103A Datasheet
561Kb / 3P
Frequency / Counter Input
2021-12-08
LB1103C PF-LB1103C Datasheet
561Kb / 3P
Frequency / Counter Input
2021-12-01
logo
Sanyo Semicon Device
LB1105M SANYO-LB1105M Datasheet
43Kb / 2P
6-Channel X 4-Unit Diode Array
More results

Similar Description - LB1138BL-50-S08-R

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1155 SII-S-1155 Datasheet
773Kb / 28P
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1172 SII-S-1172 Datasheet
654Kb / 34P
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
L1136 UTC-L1136 Datasheet
229Kb / 9P
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
L1136 UTC-L1136_11 Datasheet
214Kb / 9P
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
L1138 UTC-L1138_11 Datasheet
247Kb / 7P
HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH HIGH RIPPLE-REJECTION
L1136 UTC-L1136_12 Datasheet
290Kb / 9P
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-13A1 SII-S-13A1 Datasheet
3Mb / 74P
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Shenzhen Huazhimei Semi...
HM75XXL HMSEMI-HM75XXL Datasheet
1Mb / 10P
High Input Voltage Low Dropout 100mA Output Current CMOS Regulator
logo
ABLIC Inc.
S-1155 ABLIC-S-1155 Datasheet
515Kb / 28P
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.1_03
S-1172 ABLIC-S-1172 Datasheet
601Kb / 35P
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.2_03
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com