Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR1106G-22-S08-B-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR1106G-22-S08-B-R
Description  LARGE CURRENT POSITIVE VOLTAGE REGULATORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1106G-22-S08-B-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LR1106G-22-S08-B-R Datasheet HTML 1Page - Unisonic Technologies LR1106G-22-S08-B-R Datasheet HTML 2Page - Unisonic Technologies LR1106G-22-S08-B-R Datasheet HTML 3Page - Unisonic Technologies LR1106G-22-S08-B-R Datasheet HTML 4Page - Unisonic Technologies LR1106G-22-S08-B-R Datasheet HTML 5Page - Unisonic Technologies LR1106G-22-S08-B-R Datasheet HTML 6Page - Unisonic Technologies LR1106G-22-S08-B-R Datasheet HTML 7Page - Unisonic Technologies LR1106G-22-S08-B-R Datasheet HTML 8Page - Unisonic Technologies LR1106G-22-S08-B-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR1106
CMOS IC
www.unisonic.com.tw
1 of 17
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R502-055.AA
LARGE CURRENT POSITIVE
VOLTAGE REGULATORS
DESCRIPTION
The UTC LR1106 series are positive voltage regulators that
developed in CMOS technology with highly precise, low power
consumption. It is capable of large currents with a significantly small
dropout voltage.
The device consists of a driver transistor, a precision reference
voltage and an error amplifier. Basically, output voltage is selectable
in 0.1V step form 1.5V to 6.0V, 2.85V also is available.
FEATURES
* Maximum Output Current : 400mA
* Maximum Operating Voltage: 8V
* Highly Accurate : ± 2%
* Output Voltage Temperature Characteristics : TYP ±100ppm/°C
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
12345 6 7 8
Packing
LR1106L-xx-AB3-B-R
LR1106G-xx-AB3-B-R
SOT-89
O G I
-
-
-
-
-
Tape Reel
LR1106L-xx-AB3-C-R
LR1106G-xx-AB3-C-R
SOT-89
G I O -
-
-
-
-
Tape Reel
LR1106L-xx-AE3-3-R
LR1106G-xx-AE3-3-R
SOT-23
O G I
-
-
-
-
-
Tape Reel
LR1106L-xx-AF5-R
LR1106G-xx-AF5-R
SOT-25
I G E N O -
-
-
Tape Reel
LR1106L-xx-S08-R
LR1106G-xx-S08-R
SOP-8
O N G N E N N I
Tape Reel
LR1106L-xx-K06-1820-R
LR1106G-xx-K06-1820-R
DFN1820-6
I N O N G E -
-
Tape Reel
Note: Pin Assignment: I: VIN
O: VOUT
G: GND
N: No Connection
E: Enable
xx: Output Voltage, refer to Marking Information.
(1) R: Tape Reel
(2) Refer to Pin Assignment
(3) AB3: SOT-89, AE3: SOT-23, AF5: SOT-25, S08: SOP-8
(3) K06-1820: DFN1820-6
(4) xx: Refer to Marking Information
(5) G: Halogen Free and Lead Free
LR1106G-xx-AB3-B-R
(1) Packing Type
(2) Pin Code
(3) Package Type
(4) Output Voltage Code
(5) Green Package


Similar Part No. - LR1106G-22-S08-B-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1106G-XX-AB3-B-R UTC-LR1106G-XX-AB3-B-R Datasheet
866Kb / 17P
LARGE CURRENT POSITIVE
LR1106G-XX-AB3-C-R UTC-LR1106G-XX-AB3-C-R Datasheet
866Kb / 17P
LARGE CURRENT POSITIVE
LR1106G-XX-AE3-3-R UTC-LR1106G-XX-AE3-3-R Datasheet
866Kb / 17P
LARGE CURRENT POSITIVE
LR1106G-XX-AF5-R UTC-LR1106G-XX-AF5-R Datasheet
866Kb / 17P
LARGE CURRENT POSITIVE
LR1106G-XX-S08-R UTC-LR1106G-XX-S08-R Datasheet
866Kb / 17P
LARGE CURRENT POSITIVE
More results

Similar Description - LR1106G-22-S08-B-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78L00A ONSEMI-MC78L00A Datasheet
101Kb / 16P
Three-Terminal Low Current Positive Voltage Regulators
December, 2004 ??Rev. 9
logo
Cystech Electonics Corp...
PL78M05XA3 CYSTEKEC-PL78M05XA3 Datasheet
154Kb / 4P
Three Terminal Medium Current Positive Voltage Regulators
PL78M05XT3 CYSTEKEC-PL78M05XT3 Datasheet
155Kb / 4P
Three Terminal Medium Current Positive Voltage Regulators
logo
Unisonic Technologies
LR1106 UTC-LR1106 Datasheet
575Kb / 16P
LARGE CURRENT POSITIVE VOLTAGE REGULATORS
logo
Torex Semiconductor
XC6203 TOREX-XC6203_1 Datasheet
1Mb / 20P
Large Current Positive Voltage Regulators
logo
Unisonic Technologies
LR1106 UTC-LR1106_12 Datasheet
866Kb / 17P
LARGE CURRENT POSITIVE
logo
Cystech Electonics Corp...
LM78M05J3 CYSTEKEC-LM78M05J3 Datasheet
466Kb / 12P
Three Terminal Medium Current Positive Voltage Regulators
LM78MXXJ3 CYSTEKEC-LM78MXXJ3 Datasheet
466Kb / 12P
Three Terminal Medium Current Positive Voltage Regulators
logo
E-Tech Electronics LTD
LR1106 ETL-LR1106 Datasheet
859Kb / 17P
LARGE CURRENT POSITIVE VOLTAGE REGULATORS
logo
Sirectifier Semiconduct...
BL78LXX SIRECTIFIER-BL78LXX Datasheet
224Kb / 8P
Three-Terminal Low Current Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com