Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM2314 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APM2314
Description  N-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM2314 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APM2314 Datasheet HTML 1Page - Anpec Electronics Coropration APM2314 Datasheet HTML 2Page - Anpec Electronics Coropration APM2314 Datasheet HTML 3Page - Anpec Electronics Coropration APM2314 Datasheet HTML 4Page - Anpec Electronics Coropration APM2314 Datasheet HTML 5Page - Anpec Electronics Coropration APM2314 Datasheet HTML 6Page - Anpec Electronics Coropration APM2314 Datasheet HTML 7Page - Anpec Electronics Coropration APM2314 Datasheet HTML 8Page - Anpec Electronics Coropration APM2314 Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
N-Channel Enhancement Mode MOSFET
Copyright  ANPEC Electronics Corp.
Rev. A.1 - Jun., 2003
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
APM2314
Ordering and Marking Information
Features
Applications
Absolute Maximum Ratings (T
A = 25°C unless otherwise noted)
• 20V/2.8A , R
DS(ON)=45mΩ(typ.) @ VGS=4.5V
R
DS(ON)=55mΩ(typ.) @ VGS=2.5V
••••• Super High Dense Cell Design for Extremely
Low R
DS(ON)
••••• Reliable and Rugged
••••• SOT-23 Package
• Power Management in Notebook Computer ,
Portable Equipment and Battery Powered
Systems.
A P M 2314
H andling C ode
Tem p. R ange
P a ckage C o de
P a ckage C o de
A : S O T -23
O perating Junction T em p. R ange
C : -55 to 1 50 C
H andling C ode
T R : T ape & R eel
°
A P M 2314 A :
M 14X
X - Date Code
Symbol
Parameter
Rating
Unit
VDSS
Drain-Source Voltage
20
VGSS
Gate-Source Voltage
±10
V
ID*
Maximum Drain Current – Continuous
2.8
IDM
Maximum Drain Current – Pulsed
10
A
* Surface Mounted on FR4 Board, t
≤ 10 sec.
Pin Description
G
D
S
Top View of SOT-23
N-Channel MOSFET
G
S
D


Similar Part No. - APM2314

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
APM2314AC-TRL VBSEMI-APM2314AC-TRL Datasheet
1Mb / 9P
N-Channel 20 V (D-S) MOSFET
More results

Similar Description - APM2314

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com