Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS2350 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AS2350
Description  Secondary Side Housekeeping Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS2350 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AS2350 Datasheet HTML 1Page - List of Unclassifed Manufacturers AS2350 Datasheet HTML 2Page - List of Unclassifed Manufacturers AS2350 Datasheet HTML 3Page - List of Unclassifed Manufacturers AS2350 Datasheet HTML 4Page - List of Unclassifed Manufacturers AS2350 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS2350 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS2350 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS2350 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS2350 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© ASTEC Semiconductor
Description
The AS23xx is a housekeeping circuit for monitoring the outputs of power
supplies. It directly senses all the output rails without the need for external dividers
and detects undervoltage and overvoltage. It also provides an additional
undervoltage comparator which may be configured with any arbitrary hysteresis
to sense a divided down representation of the AC bulk voltage. The housekeeping
section provides all the features necessary to allow external caps to set the
common timing features of PC type power supplies. In addition, negative rails may
be sensed without the necessity of a VEE connection, and negative sensing may
be disabled without affecting operation of the positive sense section. The 2.5 V
series reference is available and can source up to 5 mA. This IC is available in
16 lead packages. Outputs include a POK (Power OK) and a fault signal.
The AS2333 includes sensing for
±12 V, 5 V, and 3.3V. The AS2350 exchanges
a -5 V sense capability for the 3.3 V input. The AS2316 monitors all supply
voltages, but lacks CBD (Crow-Bar Driver).
AS23xx
Secondary Side Housekeeping Circuit
Pin Configuration — Top view
Features
• Standard PC Power Good:
UV Detection on 4 rails
UV Detection of AC/Bulk supply
OV Detection on 4 rails
Open collector PG out
• Pogrammable Fault output:
OV
OV plus UV
OV plus UV after startup delay
• OV Crow Bar Driver
• Digital ON/OFF input
• 2.5V Voltage Reference
• Operates from 5V or 12V rail
Ordering Information
Package
Temperature Range
Order Code
16-Pin Plastic SOIC
0 to 105
° C
AS2316D
16-Pin Plastic SOIC
0 to 105
° C
AS2333D
16-Pin Plastic SOIC
0 to 105
° C
AS2350D
16-Pin Plastic DIP
0 to 105
° C
AS2316N
16-Pin Plastic DIP
0 to 105
° C
AS2333N
16-Pin Plastic DIP
0 to 105
° C
AS2350N
91
AS2316 SOIC
14
1
V
CC
FAULT
13
2
+12V
V
REF
12
3
+5V
UVB
11
4
+3.3V
DELAY
10
5
-5V
POK
9
6
-12V
PGCAP
8
7
GND
AC
16
15
HYST
OFF
14
1
V
CC
CBD
13
2
+12V
FAULT
12
3
+5V
V
REF
11
4
+3.3V
UVB
10
5
-12V
DELAY
9
6
GND
POK
8
7
HYST
PGCAP
16
15
OFF
AC
14
1
V
CC
CBD
13
2
+12V
FAULT
12
3
+5V
V
REF
11
4
-5V
UVB
10
5
-12V
DELAY
9
6
GND
POK
8
7
HYST
PGCAP
16
15
OFF
AC
14
1
V
CC
FAULT
13
2
+12V
V
REF
12
3
+5V
UVB
11
4
+3.3V
DELAY
10
5
-5V
POK
9
6
-12V
PGCAP
8
7
GND
AC
16
15
HYST
OFF
14
1
V
CC
CBD
13
2
+12V
FAULT
12
3
+5V
V
REF
11
4
+3.3V
UVB
10
5
-12V
DELAY
9
6
GND
POK
8
7
HYST
PGCAP
16
15
OFF
AC
14
1
V
CC
CBD
13
2
+12V
FAULT
12
3
+5V
V
REF
11
4
-5V
UVB
10
5
-12V
DELAY
9
6
GND
POK
8
7
HYST
PGCAP
16
15
OFF
AC
AS2316 PDIP
AS2333 SOIC
AS2333 PDIP
AS2350 SOIC
AS2350 PDIP


Similar Part No. - AS2350

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS230-348 SKYWORKS-AS230-348 Datasheet
241Kb / 3P
GaAs SPDT IC 7 W T/R Switch DC -6 GHz
AS230-348 SKYWORKS-AS230-348 Datasheet
244Kb / 4P
SPDT 7 W T/R Switch 300 kHz-6 GHz
AS230-348LF SKYWORKS-AS230-348LF Datasheet
244Kb / 4P
SPDT 7 W T/R Switch 300 kHz-6 GHz
AS230-348 SKYWORKS-AS230-348_06 Datasheet
244Kb / 4P
SPDT 7 W T/R Switch 300 kHz-6 GHz
logo
Power-One
AS2320-7R POWER-ONE-AS2320-7R Datasheet
147Kb / 4P
100 Watt DC-DC Converters
More results

Similar Description - AS2350

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6610 STMICROELECTRONICS-L6610 Datasheet
544Kb / 29P
DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
Apr-2002
L6611 STMICROELECTRONICS-L6611 Datasheet
609Kb / 28P
DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
Apr-2002
logo
Analog Devices
ADM1041 AD-ADM1041 Datasheet
1Mb / 64P
Secondary-Side Controller with Current Share and Housekeeping
5/04-Changed from Rev. Sp0 to Rev. A
ADM1041A AD-ADM1041A Datasheet
1Mb / 56P
Secondary-Side Controller with Current Share and Housekeeping
7/05-Revision 0
logo
International Rectifier
IRFH5104PBF IRF-IRFH5104PBF Datasheet
313Kb / 8P
Secondary Side Synchronous Rectification
IRFH5220PBF IRF-IRFH5220PBF Datasheet
284Kb / 8P
Secondary Side Synchronous Rectification
IRFH7110PBF IRF-IRFH7110PBF Datasheet
225Kb / 9P
Secondary Side Synchronous Rectification
IRLH7134PBF IRF-IRLH7134PBF Datasheet
254Kb / 9P
Secondary Side Synchronous Rectification
logo
Analog Devices
ADM1041 AD-ADM1041_15 Datasheet
1Mb / 64P
Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041A AD-ADM1041A_15 Datasheet
1Mb / 56P
Secondary-Side Controller with Current Share and Housekeeping
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com