Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR0620 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATR0620
Description  GPS BASEBAND PROCESSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0620 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATR0620 Datasheet HTML 7Page - ATMEL Corporation ATR0620 Datasheet HTML 8Page - ATMEL Corporation ATR0620 Datasheet HTML 9Page - ATMEL Corporation ATR0620 Datasheet HTML 10Page - ATMEL Corporation ATR0620 Datasheet HTML 11Page - ATMEL Corporation ATR0620 Datasheet HTML 12Page - ATMEL Corporation ATR0620 Datasheet HTML 13Page - ATMEL Corporation ATR0620 Datasheet HTML 14Page - ATMEL Corporation ATR0620 Datasheet HTML 15Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
4574CS–GPS–05/05
ATR0620 [Preliminary]
18. Package Outline CTBGA100
17. Ordering Information
Extended Type Number
Package
Remarks
ATR0620-100
CTBGA100
9 mm
× 9 mm, 0.80 mm pitch
ATR0620-144
CPGA144
Debug package
0.40 Dia. TYP
0.60 ± 0.05
0.30 ± 0.05
1.10 ± 0.10
9.00 ± 0.05
TOP VIEW
SIDE VIEW
2
31
5
64
8
97
10
A
B
C
D
E
F
G
H
J
K
0.90 ± 0.05
0.80 ± 0.05
A1 BALL PAD CORNER
BOTTOM VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com