Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC002 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC002
Description  SMPTE 292M / 259M Serial Digital Cable Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC002 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC002 Datasheet HTML 1Page - National Semiconductor (TI) CLC002 Datasheet HTML 2Page - National Semiconductor (TI) CLC002 Datasheet HTML 3Page - National Semiconductor (TI) CLC002 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CLC002
SMPTE 292M / 259M Serial Digital Cable Driver
General Description
The CLC002 SMPTE 292M / 259M serial digital cable driver
is a monolithic, high-speed cable driver designed for use in
SMPTE 292M / 259M serial digital video and ITU-T G.703
serial digital data transmission applications. The CLC002
drives 75
Ω transmission lines (Belden 8281, Belden 1694A
or equivalent) at data rates up to 1.485 Gbps.
The CLC002 provides two selectable slew rates for SMPTE
259M and SMPTE 292M compliance. The output voltage
swing is adjustable from 800 mV
P-P to 1.0 VP-P using an
external resistor.
Features
n
SMPTE 292M, SMPTE 344M and SMPTE 259M
compliant
n
Data rates to 1.485 Gbps
n
Differential input
n
75
Ω differential output
n
Selectable slew rate
n
Adjustable output amplitude
n
Single 3.3V supply operation
n
Replaces the GS1528 and GS1528A
Applications
n
SMPTE 292M, SMPTE 344M, and SMPTE 259M serial
digital interfaces
n
Sonet/SDH and ATM interfaces
n
Digital routers and distribution amplifiers
n
Buffer applications
Typical Application
20087602
PRELIMINARY
April 2005
© 2005 National Semiconductor Corporation
DS200876
www.national.com


Similar Part No. - CLC002

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC001 NSC-CLC001 Datasheet
155Kb / 10P
Serial Digital Cable Driver with Adjustable Outputs
CLC001 NSC-CLC001 Datasheet
567Kb / 11P
Serial Digital Cable Driver with Adjustable Outputs
logo
Texas Instruments
CLC001 TI-CLC001 Datasheet
569Kb / 13P
Serial Digital Cable Driver with Adjustable Outputs
CLC001 TI1-CLC001 Datasheet
604Kb / 14P
Serial Digital Cable Driver with Adjustable Outputs
CLC001 TI2-CLC001 Datasheet
603Kb / 13P
CLC001 Serial Digital Cable Driver with Adjustable Outputs
February 2006
More results

Similar Description - CLC002

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0002 NSC-LMH0002 Datasheet
459Kb / 5P
SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002_0610 NSC-LMH0002_0610 Datasheet
495Kb / 6P
SMPTE 292M / 259M Serial Digital Cable Driver
LMH0202_0606 NSC-LMH0202_0606 Datasheet
503Kb / 6P
Dual SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002 NSC-LMH0002_08 Datasheet
247Kb / 6P
SMPTE 292M / 259M Serial Digital Cable Driver
logo
Texas Instruments
LMH0002TMAX TI-LMH0002TMAX Datasheet
766Kb / 13P
LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002SQE TI1-LMH0002SQE Datasheet
786Kb / 13P
LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002SQE TI-LMH0002SQE Datasheet
766Kb / 13P
LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002MA TI-LMH0002MA Datasheet
766Kb / 13P
LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002MA TI1-LMH0002MA Datasheet
786Kb / 13P
LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002 TI1-LMH0002_14 Datasheet
784Kb / 14P
SMPTE 292M / 259M Serial Digital Cable Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com