Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS7622 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS7622
Description  CCD Imager Analog Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7622 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS7622 Datasheet HTML 7Page - Cirrus Logic CS7622 Datasheet HTML 8Page - Cirrus Logic CS7622 Datasheet HTML 9Page - Cirrus Logic CS7622 Datasheet HTML 10Page - Cirrus Logic CS7622 Datasheet HTML 11Page - Cirrus Logic CS7622 Datasheet HTML 12Page - Cirrus Logic CS7622 Datasheet HTML 13Page - Cirrus Logic CS7622 Datasheet HTML 14Page - Cirrus Logic CS7622 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
CS7622
DS322PP1
11
During fixed gain mode the time constant is a little
different.
In order to achieve no ringing in the settling use,
for offset range = 1, and
for offset range
= 0.
The 9 MSBs of the black level accumulator can be
read or written through a register. If written, the
LSBs are set to zero. The black level is set to “8” in
a 10-bit digital output representation. In a 13-bit
representation, it is set to “64.” The power-up de-
fault value in the accumulator is at mid level.
Also note that the black level adjust loop can be
disabled. In addition, the black level can be pro-
grammed through the serial port.
3.3 Gain Adjust Block
In order to increase the dynamic range of the ADC,
a variable gain, whose value is determined by the
signal level, is applied to each pixel. This allows
for 13 bits of dynamic range and 10 bits of resolu-
tion after accounting for the significance of the
ADC output bits. The gain applied in the analog is
illustrated in the transfer curve in Figure 7. Once
the signal is digitized, the gain adjust block uses the
gain information for a given pixel word and shifts
its bits accordingly. For example, using a full scale
level of 1.0 V, if Vin = 0.3 V, the VGA would
choose a gain of 2X so the ADC input is 0.6 V. The
10-bit output of the ADC (with no black level) is
(0.6/1.0) × 1024 = 614, or “1001100110.” in bina-
ry. The gain adjust block will take this value plus
the bits representing the 2x gain and divide the out-
put by two (shift right by 1). The output of the gain
adjust block is then “0100110011.000.” Note that
the decimal point is virtual, having no existence in
silicon. It is representing the fact that we keep 3 ex-
tra bits of lower significance in the output. In the
same manner, if Vin = 0.75 V, a gain of 1X would
be chosen and the output of the gain adjust block
For a fixed gain of 1:
For a fixed gain of 2:
For a fixed gain of 4:
For a fixed gain of 8:
ADC
Z-1
+
+
10
7
9
DAC
BINARY
TO
THERM
Z-1
FU
FP
FU = UPDATE FREQUENCY
FP = PIXEL FREQUENCY
K
CLIP
CDS/VGA
Σ
VIN
FROM SERIAL INTERFACE
+
BLK LVL LOOP
‘64’
Figure 10. Black level adjustment loop
-
GAIN REG
τ
1
1
nK
8
-------


ln
----------------------------





1
fu
-----


=
τ
1
1
nK
4
-------


ln
----------------------------





1
fu
-----


=
τ
1
1
nK
2
-------


ln
----------------------------





1
fu
-----


=
τ
1
1nK
()
ln
---------------------------

 1
fu
-----


=
n
K
----
1
n
2K
-------
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com