Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMR-C170-R0000 Datasheet(PDF) 9 Page - Broadcom Corporation.

Part # HSMR-C170-R0000
Description  Blue ChipLED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSMR-C170-R0000 Datasheet(HTML) 9 Page - Broadcom Corporation.

Back Button HSMR-C170-R0000 Datasheet HTML 2Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 3Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 4Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 5Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 6Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 7Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 8Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 9Page - Broadcom Corporation. HSMR-C170-R0000 Datasheet HTML 10Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Broadcom
- 9 -
HSMR-C170-R0000
Data Sheet
Application Precautions
The drive current of the LED must not exceed the
maximum allowable limit across temperature as stated in
the data sheet. Constant current driving is recommended
to ensure consistent performance.
Circuit design must cater for the entire range of forward
voltage (VF) of the LEDs to ensure that the intended drive
current can always be achieved.
If the LED is to be used with an LED of another color to
achieve color mixing, Broadcom does not guarantee the
consistency of the resultant color. Contact a Broadcom
sales representative for these applications.
The LED exhibits slightly different characteristics at
different drive currents, which might result in larger
variation of its performance (for example, intensity,
wavelength, and forward voltage). Set the application
current as close as possible to the test current to minimize
these variations.
The LED is not intended for reverse bias. Use other
appropriate components for such purposes. When driving
the LED in matrix form, ensure that the reverse bias voltage
does not exceed the allowable limit of the LED.
Avoid rapid change in ambient temperatures, especially in
high-humidity environments, because they cause
condensation on the LED.
If the LED is to be used in harsh environments, protect the
LED against damages caused by rain water, dust, oil,
corrosive gases, external mechanical stress, and so on.
Eye Safety Precautions
LEDs may pose optical hazards when in operation. Do not look
directly at operating LEDs because it might be harmful to the
eyes. For safety reasons, use appropriate shielding or personal
protection equipment.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com