Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8106ASTZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD8106ASTZ
Description  Video Crosspoint Switches
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8106ASTZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8106ASTZ Datasheet HTML 14Page - Analog Devices AD8106ASTZ Datasheet HTML 15Page - Analog Devices AD8106ASTZ Datasheet HTML 16Page - Analog Devices AD8106ASTZ Datasheet HTML 17Page - Analog Devices AD8106ASTZ Datasheet HTML 18Page - Analog Devices AD8106ASTZ Datasheet HTML 19Page - Analog Devices AD8106ASTZ Datasheet HTML 20Page - Analog Devices AD8106ASTZ Datasheet HTML 21Page - Analog Devices AD8106ASTZ Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Data Sheet
AD8106/AD8107
Rev. A | Page 21 of 22
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MS-026-BDD
0.15
0.05
1.45
1.40
1.35
0.20
0.09
0.08
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
7°
3.5°
0°
TOP VIEW
(PINS DOWN)
1
21
41
40
60
61
80
20
0.50
BSC
LEAD PITCH
0.27
0.22
0.17
1.60
MAX
0.75
0.60
0.45
VIEW A
PIN 1
14.20
14.00 SQ
13.80
12.20
12.00 SQ
11.80
Figure 48. 80-Lead Low Profile Quad Flat Package [LQFP]
(ST-80-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD8106ASTZ
−40°C to +85°C
80-Lead Low Profile Quad Flat Package [LQFP]
ST-80-1
AD8107ASTZ
−40°C to +85°C
80-Lead Low Profile Quad Flat Package [LQFP]
ST-80-1
1
Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com