Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83952 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83952
Description  Repeater Interface Controller with Security Features (RIC II)
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83952 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button DP83952 Datasheet HTML 17Page - National Semiconductor (TI) DP83952 Datasheet HTML 18Page - National Semiconductor (TI) DP83952 Datasheet HTML 19Page - National Semiconductor (TI) DP83952 Datasheet HTML 20Page - National Semiconductor (TI) DP83952 Datasheet HTML 21Page - National Semiconductor (TI) DP83952 Datasheet HTML 22Page - National Semiconductor (TI) DP83952 Datasheet HTML 23Page - National Semiconductor (TI) DP83952 Datasheet HTML 24Page - National Semiconductor (TI) DP83952 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 90 page
background image
50 Functional Description (Continued)
PORT STATE MACHINE (PSM)
There are two primary functions for the PSM as follows
1 Control the transmission of repeated data pseudo ran-
dom data and jam signals over the attached segment
2 Decide whether a port will be the source of data or colli-
sion information which will be repeated over the network
This repeater port is known as
PORT N An arbitration
process is required to enable the repeater to transition
from the
IDLE state to the SEND PREAMBLE PATTERN
or
RECEIVE COLLISION states see Figure 5-2 This pro-
cess is used to locate the port which will be
PORT N for
that particular packet The data received from this port is
directed to the PLL decoder and transmitted over the
Inter-RIC bus If the repeater enters the
TRANSMIT COL-
LISION state a further arbitration operation is performed
to determine which port is
PORT M PORT M is differenti-
ated from the repeater’s other ports if the repeater enters
the
ONE PORT LEFT state In this state PORT M does
not transmit to its segment where as all other ports are
still required to transmit to their segments
MAIN STATE MACHINE (MSM)
The MSM controls the operation of the shared functional
blocks in each RIC II as shown in the block diagram
Figure
4-1 and it performs the majority of the data and collision
propagation operations as defined by the IEEE specifica-
tion
The interaction of the main and port state machines is visi-
ble in part by observing the Inter-RIC bus
INTER-RIC BUS OPERATION
OVERVIEW
The Inter-RIC Bus consists of eight signals These signals
implement a protocol which may be used to connect multi-
ple RIC IIs together In this configuration the logical func-
tion of a single repeater is maintained The resulting multi-
RIC II system is compliant to the IEEE 8023 repeater speci-
fication and may connect several hundred network seg-
ments An example of a multi-RIC II system is shown in
Figure 5-3
The Inter-RIC Bus connects multiple RIC IIs to realize the
following operations
Port N Identification (which port the repeater receives data
from)
Port M Identification (which port is the last one experiencing
a collision)
Data Transfer
RECEIVE COLLISION identification
TRANSMIT COLLISION identification
DISABLE OUTPUT (jabber protection)
Repeater Functions
Function
Action
Preamble
Restore the length of the preamble pattern to the defined size
Regeneration
Fragment
Extend received data or collision fragments to meet the minimum fragment length
Extension
of 96 bits
Elasticity
A portion of the received packet may require storage in an Elasticity Buffer to
Buffer Control
accommodate preamble regeneration
Jam
In cases of receive or transmit collisions a RIC II is required to transmit a jam
Preamble
pattern (1010) (Note)
Pattern
Generation
Transmit
Once the
TRANSMIT COLLISION state is entered a repeater is required to stay in
Collision
this state for at least 96 network bit times
Enforcement
Data
NRZ format data from the elasticity buffer must be encoded into Manchester
Encoding
format data prior to retransmission
Control
Tw1
Enforce the Transmit Recovery Time specification
Enforcement
Tw2
Enforce Carrier Recovery Time specification on all ports with active collisions
Enforcement
Note
This pattern is the same as that used for preamble regeneration
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com