Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB080LAM-30 Datasheet(PDF) 1 Page - Rohm

Part # RB080LAM-30
Description  Schottky Barrier Diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB080LAM-30 Datasheet(HTML) 1 Page - Rohm

  RB080LAM-30 Datasheet HTML 1Page - Rohm RB080LAM-30 Datasheet HTML 2Page - Rohm RB080LAM-30 Datasheet HTML 3Page - Rohm RB080LAM-30 Datasheet HTML 4Page - Rohm RB080LAM-30 Datasheet HTML 5Page - Rohm RB080LAM-30 Datasheet HTML 6Page - Rohm RB080LAM-30 Datasheet HTML 7Page - Rohm RB080LAM-30 Datasheet HTML 8Page - Rohm RB080LAM-30 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
RB080LAM-30
Schottky Barrier Diode
Data sheet
 
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
          ●Outline
VR
30
V
     
 
Io
5
A
 
 
IFSM
100
A
 
 
 
 
 
     
●Features
●Inner Circuit
High reliability
Small power mold type
Low VF
●Application
●Packaging Specifications
General rectification
Packing
Embossed Tape
Reel Size(mm)
180
Taping Width(mm)
12
●Structure
Basic Ordering Unit(pcs)
3000
Silicon epitaxial planar
Taping Code
TR
Marking
21
●Absolute Maximum Ratings (Tc=25ºC unless otherwise specified)
Parameter
Symbol
Conditions
Limits
Unit
Repetitive peak reverse voltage
VRM
Duty≦0.5
30
V
Reverse voltage
VR
Reverse direct voltage
30
V
Average rectified forward current
Io
Glass epoxy mounted、
60Hz half sin wavef orm、resistive load、
Tc=100℃ Max.
5
A
Peak forward surge current
IFSM
60Hz half sin wavef orm、Non-repetitive、
one cycle、Ta=25℃
100
A
Junction temperature(1)
Tj
-
150
℃
Storage temperature
Tstg
-
-55 ~ 150
℃
Note(1) To avoid occurrence of thermal runaway, actual board is to be designed to f ulf ill dPd/dTj<1/Rth(j-a).
●Characteristics (Tj=25ºC unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ. Max.
Unit
Forward voltage
VF
IF=5A
-
-
0.51
V
Reverse current
IR
VR=30V
-
-
150
μA
Attention
                                                                                         
www.rohm.com
© 2016 ROHMCo., Ltd. All rights reserved.
1/5
 
2017/05/17_Rev.001


Similar Part No. - RB080LAM-30

ManufacturerPart #DatasheetDescription
logo
Rohm
RB080LAM-30TF ROHM-RB080LAM-30TF Datasheet
2Mb / 9P
Schottky Barrier Diode
More results

Similar Description - RB080LAM-30

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com