Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS21458 Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS21458
Description  Quad T1/E1/J1 Transceivers
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21458 Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS21458 Datasheet HTML 17Page - Dallas Semiconductor DS21458 Datasheet HTML 18Page - Dallas Semiconductor DS21458 Datasheet HTML 19Page - Dallas Semiconductor DS21458 Datasheet HTML 20Page - Dallas Semiconductor DS21458 Datasheet HTML 21Page - Dallas Semiconductor DS21458 Datasheet HTML 22Page - Dallas Semiconductor DS21458 Datasheet HTML 23Page - Dallas Semiconductor DS21458 Datasheet HTML 24Page - Dallas Semiconductor DS21458 Datasheet HTML 25Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 270 page
background image
DS21455/DS21458 Quad T1/E1/J1 Transceivers
21 of 270
Signal Name:
TSYNC
Signal Description:
Transmit Sync
Signal Type:
Input/Output
A pulse at this pin will establish either frame or multiframe boundaries for the transmit side. Can be programmed to output
either a frame or multiframe pulse. If this pin is set to output pulses at frame boundaries, it can also be set via IOCR1.3 to
output double-wide pulses at signaling frames in T1 mode.
Signal Name:
TSSYNC
Signal Description:
Transmit System Sync
Signal Type:
Input
Only used when the transmit-side elastic store is enabled. A pulse at this pin will establish either frame or multiframe
boundaries for the transmit side. Should be tied low in applications that do not use the transmit-side elastic store.
Signal Name:
TSIG
Signal Description:
Transmit Signaling Input
Signal Type:
Input
When enabled, this input will sample signaling bits for insertion into outgoing PCM data stream. Sampled on the falling edge
of TCLK when the transmit-side elastic store is disabled. Sampled on the falling edge of TSYSCLK when the transmit-side
elastic store is enabled.
Signal Name:
TESO
Signal Description:
Transmit Elastic Store-Data Output
Signal Type:
Output
Updated on the rising edge of TCLK with data out of the transmit-side elastic store whether the elastic store is enabled or not.
This pin is normally tied to TDATA.
Signal Name:
TDATA
Signal Description:
Transmit Data
Signal Type:
Input
Sampled on the falling edge of TCLK with data to be clocked through the transmit-side formatter. This pin is normally tied to
TESO.
Signal Name:
TPOSO
Signal Description:
Transmit Positive-Data Output
Signal Type:
Output
Updated on the rising edge of TCLKO with the bipolar data out of the transmit-side formatter. Can be programmed to source
NRZ data via the output-data format (IOCR1.0)-control bit. This pin is normally tied to TPOSI.
Signal Name:
TNEGO
Signal Description:
Transmit Negative-Data Output
Signal Type:
Output
Updated on the rising edge of TCLKO with the bipolar data out of the transmit-side formatter. This pin is normally tied to
TNEGI.
Signal Name:
TCLKO
Signal Description:
Transmit Clock Output
Signal Type:
Output
Buffered clock that is used to clock data through the transmit-side formatter (either TCLK or RCLKI). This pin is normally
tied to TCLKI.
Signal Name:
TPOSI (DS21455 Only)
Signal Description:
Transmit Positive-Data Input
Signal Type:
Input
Sampled on the falling edge of TCLKI for data to be transmitted out onto the T1 line. Can be internally connected to TPOSO
by tying the LIUC/TPD pin high. See the LIUC/TPD pin description for a full explanation of this function. TPOSI and
TNEGI can be tied together in NRZ applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com