Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OA60EC Datasheet(PDF) 1 Page - ORION FANS

Part # OA60EC
Description  EC Fan Universal voltage
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OA60EC Datasheet(HTML) 1 Page - ORION FANS

  OA60EC Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Orion Fans
Information and data is subject to
change without prior notification.
Knight Electronics, Inc.
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
Operating Temperature
Ball Bearing
Life Expectancy
Ball Bearing
Motor
thermally protected
Bearing System
Dual ball
wire and frame (500VDC)
Frame
PBT UL94V-0 Plastic
Brushless EC motor,
Storage Temperature
m2
OA60EC Series
EC Fan Universal voltage
60x25mm (2.36”x 1.0”)
Impeller
PBT UL94V0- Plastic
Connection
2 Lead wires
-20C ~ +70C
50,000 hours (L10 at 40C)
Weight: ~60 grams
-30C ~ +75C
Part Number
OA60EC-UR-1WB
Nominal Voltage
95-264 VAC
Rated Power
2.1W/2.4W (115/230VAC)
Locked Rotor Current
0.09/0.05A (115/230VAC)
Rated Speed (RPM)
3950
Frequency (Hz)
50 / 60
Airflow (CFM)
19.5
Noise Level (dB)
31
Max. Static Pressure
0.17”H20
Insulation Resistance
>10M ohm between lead-
Dielectric Strength
1 secat 1800 VAC, 50/60Hz
Airflow (CFM)
0.0
0
0.175
0.150
0.125
0.100
0.075
0.050
0.025
2.5
5.0
7.5
60Hz
50Hz
10.0
12.5
15.0
17.5
20.0


Similar Part No. - OA60EC

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA60EC ORIONFANS-OA60EC Datasheet
5Mb / 8P
AC & EC FANS
OA60EC-ATEX ORIONFANS-OA60EC-ATEX Datasheet
5Mb / 8P
AC & EC FANS
More results

Similar Description - OA60EC

ManufacturerPart #DatasheetDescription
logo
ebm-papst
ACI4410HH EBMPAPST-ACI4410HH Datasheet
3Mb / 4P
EC axial fan
ACI4420H EBMPAPST-ACI4420H Datasheet
3Mb / 4P
EC axial fan
ACI4420HH EBMPAPST-ACI4420HH Datasheet
3Mb / 4P
EC axial compact fan
ACI4420ML EBMPAPST-ACI4420ML Datasheet
3Mb / 4P
EC axial fan
W1G250HH6752 EBMPAPST-W1G250HH6752 Datasheet
231Kb / 5P
EC axial compact fan
R3G310-AX52-90 EBMPAPST-R3G310-AX52-90 Datasheet
949Kb / 5P
EC centrifugal fan - RadiPac
R3G310-BB49-03 EBMPAPST-R3G310-BB49-03 Datasheet
1Mb / 6P
EC centrifugal fan - RadiPac
ACI4420H EBMPAPST-ACI4420H_16 Datasheet
7Mb / 4P
EC axial fan
ACI4420ML EBMPAPST-ACI4420ML_16 Datasheet
579Kb / 4P
EC axial fan
R3G310-RS01-I1 EBMPAPST-R3G310-RS01-I1 Datasheet
1Mb / 6P
EC centrifugal fan-RadiCal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com