Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN29F08070T Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # EN29F08070T
Description  8 Megabit (1024K x 8-bit) Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EN29F08070T Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button EN29F08070T Datasheet HTML 29Page - List of Unclassifed Manufacturers EN29F08070T Datasheet HTML 30Page - List of Unclassifed Manufacturers EN29F08070T Datasheet HTML 31Page - List of Unclassifed Manufacturers EN29F08070T Datasheet HTML 32Page - List of Unclassifed Manufacturers EN29F08070T Datasheet HTML 33Page - List of Unclassifed Manufacturers EN29F08070T Datasheet HTML 34Page - List of Unclassifed Manufacturers EN29F08070T Datasheet HTML 35Page - List of Unclassifed Manufacturers EN29F08070T Datasheet HTML 36Page - List of Unclassifed Manufacturers EN29F08070T Datasheet HTML 37Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 37 / 37 page
background image
4800 Great America Parkway, Suite 202
Tel: 408-235-8680
Santa Clara, CA 95054
Fax: 408-235-8685
37
EN29F080
Rev. C, Issue Date: 2001/07/05
Revisions List
A:
Preliminary
B (2001.07.03):
Table 7. Icc3 is with RESET# pin at full CMOS levels
Pg. 15 Logical Inhibit section now says that if CE , WE , and OE are all logical zero
(not recommended usage), it will be considered a write.
VID is everywhere changed to be VID =11.5
± 0.5V
C (2001.07.05):
“block” changed to “sector”
Deleted Sector Un/Protect flow charts (we have a supplement for that)
VID is everywhere changed to be VID =11.0
± 0.5V
LACTHUP >= 200mA line removed from first page
Chip erase and Sector Erase command descriptions modified.
DQ7,DQ5,DQ3 status polling descriptions modified.
Table 12 Latchup characteristics modified
Changed P/E endurance to 100K everywhere



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com