Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES2839S Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ES2839S
Description  V.90/V.92 PCI HSP Modem Solution
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ES2839S Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ES2839S Datasheet HTML 1Page - List of Unclassifed Manufacturers ES2839S Datasheet HTML 2Page - List of Unclassifed Manufacturers ES2839S Datasheet HTML 3Page - List of Unclassifed Manufacturers ES2839S Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
© 2001 ESS Technology, Inc. All rights reserved.
SAM0341-041101
ES2839/ES2840 PRODUCT BRIEF
No part of this publication may be reproduced, stored in a
retrieval system, transmitted, or translated in any form or
by any means, electronic, mechanical, manual, optical, or
otherwise, without the prior written permission of ESS
Technology, Inc.
ESS Technology, Inc. makes no representations or
warranties regarding the content of this document.
All specifications are subject to change without prior
notice.
ESS Technology, Inc. assumes no responsibility for any
errors contained herein.
TeleDrive is a registered trademark of ESS Technology, Inc.
(P) U.S. patents pending.
All other trademarks are owned by their respective
holders and are used for identification purposes only.
ESS Technology, Inc.
48401 Fremont Blvd.
Fremont, CA 94538
Tel: (510) 492-1088
Fax: (510) 492-1898
ORDERING INFORMATION
KTXN
78
I
Low-voltage DAA analog differential negative input
TXN
79
O
Codec negative analog output. The DC level is Vcm, and the full-scale ac output is 2.8V p-p±5%. The maximum loading
is 1k
Ω, in parallel with 20 pF for modem applications. For audio applications with low-impedance load, the maximum
distortion-free (THD <–60-db) current is 10 mA rms.
TXP
80
O
Codec positive analog output. The DC level is Vcm, and the full-scale ac output is 2.8V p-p±5%. The maximum loading is
1k
Ω, in parallel with 20 pF for modem applications. For audio applications with low-impedance load, the maximum
distortion-free (THD <–60-db) current is 10 mA rms.
VAUX
83
I
Power to device during implementation of the D3cold state required by PCI Power Management Interface specification.
PF0
84
I
Pulled to VDD through a 4.7k
Ω resistor.
PME#
85
O
Power management enable interrupt output to wake up the system.
VAUXP
86
I
VAUX support detection. VAUXP pin is driven high to indicate that ACPI is supported with D3cold state. No support when
driven low.
RST#
87
I
Active-low ES2839 reset input.
INTA#
88
O
Interrupt request, active-low. This pin is the level triggered interrupt pin dedicated to servicing internal device interrupt
sources.
PCICLK
90
I
System bus clock input.
Table 1 ES2839 Pin Descriptions (Continued)
Name
Pin Number
I/O
Definitions
Table 2 ES2840 Pin Descriptions
Names
Pin Numbers
I/O
Definitions
CLIM
1
I/O
Complex impedance termination pulldown.
D[1:2], D[5:6]
2:3, 8:9
I
Isolation signal inputs.
VDR
4
P
DC supply input.
D[3:4]
5, 6
O
Isolation signal outputs.
LCOM
7
O
Line side common ground reference.
CPX, CPX\
10, 11
I/O
DC current limit mode pulldown (pin 10) and 600
Ω impedance termination pull-down (pin 11)
SET
12
O
DC reference filter.
TER[2:1]
13, 14
I/O
Voltage termination controls.
IN{A:B]
15, 16
I
Ring and Caller ID signal inputs.
LINEI, LINE
17, 18
I
Line AC signal input (pin 17) and line DC signal input (pin 18).
GAIN
19
O
Transmit gain control.
TOUT
20
O
Transmit gain output.
Part Numbers
Descriptions
Packages
ES2839S
V.90/V.92 PCI HSP Modem
100-pin LQFP
ES2840J
Modem High-Voltage DAA
20-pin SSOP



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com