Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS4303R/T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS4303R/T
Description  Voltage Sample and Infinite Hold
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4303R/T Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS4303R/T Datasheet HTML 1Page - Maxim Integrated Products DS4303R/T Datasheet HTML 2Page - Maxim Integrated Products DS4303R/T Datasheet HTML 3Page - Maxim Integrated Products DS4303R/T Datasheet HTML 4Page - Maxim Integrated Products DS4303R/T Datasheet HTML 5Page - Maxim Integrated Products DS4303R/T Datasheet HTML 6Page - Maxim Integrated Products DS4303R/T Datasheet HTML 7Page - Maxim Integrated Products DS4303R/T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Voltage Sample and Infinite Hold
_____________________________________________________________________
5
DS4303 LINE TRANSIENT
(VOUT = 2.0)
DS4303 toc13
0.2ms/div
3.6V
VCC
3.0V
VOUT
AC-COUPLED
200mV/div
DS4303 SHUTDOWN TRANSIENT
(VOUT = 3.3V)
DS4303 toc14
2ms/div
500mV/div
VCC
VOUT
COUT = 100pF
DS4303 VOUT ADJUST TRANSIENT
(VCC = 3.6V, VIN = 3.3V)
DS4303 toc15
5ms/div
2V/div
1V/div
ADJ
VOUT
DS4303 NORMALIZED VOUT
vs. TEMPERATURE (VOUT = 0.4V)
TEMPERATURE (
°C)
60
35
10
-15
0.993
0.998
1.003
1.008
0.988
-40
85
VCC = 3.3V
0.9970
0.9975
0.9980
0.9985
0.9995
0.9990
1.0000
1.0005
0.9965
DS4303 NORMALIZED VOUT
vs. TEMPERATURE (VOUT = 3.0V)
TEMPERATURE (
°C)
60
35
10
-15
-40
85
VCC = 3.3V
Typical Operating Characteristics (continued)
(VCC = 3.3V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com