Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8376ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8376ACPZ-R7
Description  Ultralow Distortion IF Dual VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8376ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8376ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD8376
Data Sheet
Rev. B | Page 8 of 24
52
51
50
49
48
47
46
45
44
43
42
41
40
30
50
70
90
110
130
150
170
190
210
FREQUENCY (MHz)
AV = 0dB
AV = –4dB
AV = +10dB
AV = +20dB
Figure 10. Output Third-Order Intercept at Four Gains,
Output Level at 3 dBm/Tone
52
51
50
49
48
47
46
45
44
43
42
41
40
–4
–3
–2
–1
0
1
2
3
4
5
6
POUT (dBm)
AV = 0dB
AV = –4dB
AV = +20dB
AV = +10dB
Figure 11. Output Third-Order Intercept vs. Power
at Four Gains, Frequency 140 MHz
+25°C
+85°C
–40°C
70
60
65
55
45
50
40
30
35
40
60
80
100
120
140
160
180
200
FREQUENCY (MHz)
Figure 12. Output Third-Order Intercept vs. Frequency,
Three Temperatures, Output Level at 3 dBm/Tone
25
30
35
40
45
50
55
–3
–2
–1
0
1
2
3
4
5
35
40
45
50
55
60
65
POUT PER TONE (dBm)
+25°C 20dB
–40°C 20dB
+85°C 20dB
+25°C 0dB
–40°C 0dB
+85°C 0dB
AV = 0dB
AV = 20dB
Figure 13. Output Third-Order Intercept vs. Power,
Frequency 140 MHz, Three Temperatures
–70
–80
–75
–85
–95
–90
–100
–110
–105
–4
1
6
11
16
GAIN (dB)
46MHz
70MHz
140MHz
200MHz
Figure 14. Two-Tone Output IMD vs. Gain
at 46 MHz, 70 MHz, 140 MHz, and 200 MHz, Output Level at 3 dBm/Tone
+25°C
+85°C
–40°C
–70
–80
–75
–85
–95
–90
–100
–110
–105
40
60
80
100
120
140
160
180
200
FREQUENCY (MHz)
Figure 15. Two-Tone Output IMD vs. Frequency,
Three Temperatures, Output Level at 3 dBm/Tone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com