Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4801 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4801
Description  1W Stereo Audio Amplifier Plus Adjustable LDO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4801 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM4801 Datasheet HTML 7Page - National Semiconductor (TI) LM4801 Datasheet HTML 8Page - National Semiconductor (TI) LM4801 Datasheet HTML 9Page - National Semiconductor (TI) LM4801 Datasheet HTML 10Page - National Semiconductor (TI) LM4801 Datasheet HTML 11Page - National Semiconductor (TI) LM4801 Datasheet HTML 12Page - National Semiconductor (TI) LM4801 Datasheet HTML 13Page - National Semiconductor (TI) LM4801 Datasheet HTML 14Page - National Semiconductor (TI) LM4801 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LDO Typical Performance Characteristics Unless otherwise specified, V
IN =VOUT + 0.5V, CIN =
COUT = 2.2µF, CCC = 33nF, TJ = 25˚C, VSHDN =VIN. (Continued)
Power-Up Response
Power-Down Response
200736B4
200736B5
External Components Description
(Refer to Figure 1.)
Components
Functional Description
1.
R
i
The Inverting input resistance, along with R
f, set the closed-loop gain. Ri, along with Ci, form a high pass
filter with f
c = 1/(2
πR
iCi).
2.
C
i
The input coupling capacitor blocks DC voltage at the amplifier’s input terminals. C
i, along with Ri, create a
highpass filter with f
c = 1/(2
πR
iCi). Refer to the section, SELECTING PROPER EXTERNAL
COMPONENTS, for an explanation of determining the value of C
i.
3.
R
f
The feedback resistance, along with R
i, set the closed-loop gain.
4.
C
s
The supply bypass capacitor. Refer to the POWER SUPPLY BYPASSING section for information about
properly placing, and selecting the value of, this capacitor.
5.
C
B
The capacitor, C
B, filters the half-supply voltage present on the BYPASS pin. Refer to the SELECTING
PROPER EXTERNAL COMPONENTS section for information concerning proper placement and selecting
C
B’s value.
6.
R
1
Combined with R
2, sets the LDO’s output voltage according to the following equation:
R
1 =R2 ((VOUT / 1.25V) -1)
7.
R
2
Combined with R
1, sets the LDO’s output voltage according to the following equation:
R
2 = (1.25V x R1)/(VOUT - 1.25V)
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com