Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4801MH Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4801MH
Description  1W Stereo Audio Amplifier Plus Adjustable LDO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4801MH Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM4801MH Datasheet HTML 3Page - National Semiconductor (TI) LM4801MH Datasheet HTML 4Page - National Semiconductor (TI) LM4801MH Datasheet HTML 5Page - National Semiconductor (TI) LM4801MH Datasheet HTML 6Page - National Semiconductor (TI) LM4801MH Datasheet HTML 7Page - National Semiconductor (TI) LM4801MH Datasheet HTML 8Page - National Semiconductor (TI) LM4801MH Datasheet HTML 9Page - National Semiconductor (TI) LM4801MH Datasheet HTML 10Page - National Semiconductor (TI) LM4801MH Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Stereo Amplifier Typical Performance Characteristics (Continued)
Cross Talk
Cross Talk
20073607
V
DD = 5V, RL =8
Ω,P
OUT= 150mW, at (from top to bottom
at 2kHz):
-IN A driven, V
OUTB measured;
-IN B driven, V
OUTA measured
20073605
V
DD = 5.5V, RL =8
Ω,P
OUT= 150mW, at (from top to
bottom at 2kHz):
-IN A driven, V
OUTB measured;
-IN B driven, V
OUTA measured
PSRR vs Frequency
PSRR vs Frequency
20073610
V
DD = 3V, RL =8
Ω,R
SOURCE=10
Ω,
V
RIPPLE = 200mVP-P, at (from top to bottom at 500Hz):
C
BYPASS = 0.1µF, CBYPASS = 1.0µF
20073608
V
DD = 3V, RL =8
Ω,R
SOURCE= ∞,
V
RIPPLE = 200mVP-P, at (from top to bottom at 500Hz):
C
BYPASS = 0.1µF, CBYPASS = 1.0µF
PSRR vs Frequency
PSRR vs Frequency
20073613
V
DD = 5V, RL =8
Ω,R
SOURCE=10
Ω,
V
RIPPLE = 200mVP-P, at (from top to bottom at 500Hz):
C
BYPASS = 0.1µF, CBYPASS = 1.0µF
20073611
V
DD = 5V, RL =8
Ω,R
SOURCE= ∞,
V
RIPPLE = 200mVP-P, at (from top to bottom at 500Hz):
C
BYPASS = 0.1µF, CBYPASS = 1.0µF
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com