Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMRF1007HR5 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # MMRF1007HR5
Description  RF Power Field Effect Transistors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1007HR5 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button MMRF1007HR5 Datasheet HTML 5Page - NXP Semiconductors MMRF1007HR5 Datasheet HTML 6Page - NXP Semiconductors MMRF1007HR5 Datasheet HTML 7Page - NXP Semiconductors MMRF1007HR5 Datasheet HTML 8Page - NXP Semiconductors MMRF1007HR5 Datasheet HTML 9Page - NXP Semiconductors MMRF1007HR5 Datasheet HTML 10Page - NXP Semiconductors MMRF1007HR5 Datasheet HTML 11Page - NXP Semiconductors MMRF1007HR5 Datasheet HTML 12Page - NXP Semiconductors MMRF1007HR5 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
MMRF1007HR5 MMRF1007HSR5
9
RF Device Data
Freescale Semiconductor, Inc.
Figure 14. MMRF1007HR5(HSR5) Test Circuit Component Layout — 1090 MHz
--
BALUN 1
C1
BALUN 2
C2
C6
C9
C5
C8
C7
R2
R1
C12
C29
C4
C3
C28
C27
C26
C25
L2
C15
C16
C17
C18
C19
C20
L1
C13
C21
C22
C23
C24
C10
C11
C14
Table 6. MMRF1007HR5(HSR5) Test Circuit Component Designations and Values — 1090 MHz
Part
Description
Manufacturer
Part Number
Balun 1, 2
Balun Anaren
3A412
Anaren
C1, C5
22 F, 25 V Tantalum Capacitors
TPSD226M025R0200
AVX
C2, C6
2.2 F, 50 V 1825 Chip Capacitors
C1825C225J5RAC--TU
Kemet
C3, C7
0.22 F, 100 V Chip Capacitors
C1210C224K1RAC--TU
Kemet
C4, C8, C17, C18, C19,
C20, C21, C25
36 pF Chip Capacitors
ATC100B360JT500XT
ATC
C9
1.0 pF Chip Capacitor
ATC100B1R0BT500XT
ATC
C12, C16
0.8--8.0 pF Variable Capacitors
27291SL
Johanson
C10, C11, C13, C14, C15,
C29
5.1 pF Chip Capacitors
ATC100B5R1CT500XT
ATC
C22, C26
0.022 F, 100 V Chip Capacitors
C1825C223K1GAC
Kemet
C23, C24, C27, C28
470 F, 63 V Electrolytic Capacitors
MCGPR63V477M13X26--RH
Multicomp
L1, L2
Inductors 3 Turn
GA3094--ALC
Coilcraft
R1, R2
1000 , 1/4 W Chip Resistors
CRCW12061K00FKEA
Vishay
PCB
CuClad, 0.030, r =2.55
250GX--0300--55--22
Arlon



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com