Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMRF1022HS Datasheet(PDF) 9 Page - NXP Semiconductors

Part # MMRF1022HS
Description  RF Power LDMOS Transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1022HS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button MMRF1022HS Datasheet HTML 5Page - NXP Semiconductors MMRF1022HS Datasheet HTML 6Page - NXP Semiconductors MMRF1022HS Datasheet HTML 7Page - NXP Semiconductors MMRF1022HS Datasheet HTML 8Page - NXP Semiconductors MMRF1022HS Datasheet HTML 9Page - NXP Semiconductors MMRF1022HS Datasheet HTML 10Page - NXP Semiconductors MMRF1022HS Datasheet HTML 11Page - NXP Semiconductors MMRF1022HS Datasheet HTML 12Page - NXP Semiconductors MMRF1022HS Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MMRF1022HS
9
RF Device Data
Freescale Semiconductor, Inc.
P1dB – TYPICAL CARRIER LOAD PULL CONTOURS — 2140 MHz
NOTE:
= Maximum Output Power
= Maximum Drain Efficiency
P
E
Gain
Drain Efficiency
Linearity
Output Power
Figure 8. P1dB Load Pull Output Power Contours (dBm)
REAL (Ω)
–6
0
–2
34
5
1
7
–1
–4
–5
2
Figure 9. P1dB Load Pull Efficiency Contours (%)
REAL (Ω)
Figure 10. P1dB Load Pull Gain Contours (dB)
REAL (Ω)
Figure 11. P1dB Load Pull AM/PM Contours (°)
REAL (Ω)
6
–3
–6
0
–2
34
5
1
7
–1
–4
–5
26
–3
–6
0
–2
34
5
1
7
–1
–4
–5
26
–3
–6
0
–2
34
5
1
7
–1
–4
–5
26
–3
P
E
48.5
48
49.5
49
50
50.5
51
51.5
50
51
58
62
56
52
54
64
66
P
E
60
52
23
19
22
P
E
21
19.5
20
20.5
21.5
22.5
–18
–16
–14
–12
–20
P
E
–22
–24
–26
–28
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com