Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMRF1304L Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MMRF1304L
Description  RF Power LDMOS Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1304L Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MMRF1304L Datasheet HTML 3Page - NXP Semiconductors MMRF1304L Datasheet HTML 4Page - NXP Semiconductors MMRF1304L Datasheet HTML 5Page - NXP Semiconductors MMRF1304L Datasheet HTML 6Page - NXP Semiconductors MMRF1304L Datasheet HTML 7Page - NXP Semiconductors MMRF1304L Datasheet HTML 8Page - NXP Semiconductors MMRF1304L Datasheet HTML 9Page - NXP Semiconductors MMRF1304L Datasheet HTML 10Page - NXP Semiconductors MMRF1304L Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MMRF1304LR5
7
RF Device Data
Freescale Semiconductor, Inc.
TYPICAL CHARACTERISTICS — 512 MHz
0
VGS, GATE--SOURCE VOLTAGE (VOLTS)
Figure 7. CW Output Power versus Gate--Source
Voltage at a Constant Input Power
0
32
28
16
12
4
23
3.5
VDD = 50 Vdc, f = 512 MHz
24
20
1
Pin =0.07 W
Pin = 0.035 W
2.5
1.5
0.5
8
42
40
38
22
44
18
20
46
34
32
36
14
VDD =50 Vdc
IDQ =10 mA
f = 512 MHz
16
12
10
Pin, INPUT POWER (dBm)
512
28.7
31.6
f
(MHz)
P1dB
(W)
P3dB
(W)
Figure 8. CW Output Power versus Input Power
23
30
2
20
90
27
70
60
50
40
Pout, OUTPUT POWER (WATTS)
Figure 9. Power Gain and Drain Efficiency
versus CW Output Power and Quescient Current
29
28
26
10
50
100 mA
150 mA
VDD = 50 Vdc, f = 512 MHz
25
30
Gps
24
80
IDQ = 150 mA
50 mA
100 mA
50 mA
10 mA
21
28
1
10
90
10
26
24
80
70
60
50
40
Pout, OUTPUT POWER (WATTS)
Figure 10. Power Gain and Drain Efficiency
versus CW Output Power
27
25
23
50
25_C
TC =--40_C
85_C
85_C
VDD =50 Vdc
IDQ =10 mA
f = 512 MHz
25_C
--40_C
22
30
Gps
D
20
29
0
Pout, OUTPUT POWER (WATTS) PEAK
Figure 11. Power Gain versus Output Power
and Drain--Source Voltage
16
26
25
22
21
20
19
18
15
20
25
30
35
24
23
VDD =20 V
510
17
25 V
IDQ =10mA,f=512 MHz
Pulse Width = 100 sec
20% Duty Cycle
27
28
10 mA
D
30 V
35 V
40 V
45 V
50 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com