Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMRF1308HSR5 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MMRF1308HSR5
Description  RF Power LDMOS Transistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1308HSR5 Datasheet(HTML) 2 Page - NXP Semiconductors

  MMRF1308HSR5 Datasheet HTML 1Page - NXP Semiconductors MMRF1308HSR5 Datasheet HTML 2Page - NXP Semiconductors MMRF1308HSR5 Datasheet HTML 3Page - NXP Semiconductors MMRF1308HSR5 Datasheet HTML 4Page - NXP Semiconductors MMRF1308HSR5 Datasheet HTML 5Page - NXP Semiconductors MMRF1308HSR5 Datasheet HTML 6Page - NXP Semiconductors MMRF1308HSR5 Datasheet HTML 7Page - NXP Semiconductors MMRF1308HSR5 Datasheet HTML 8Page - NXP Semiconductors MMRF1308HSR5 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
RF Device Data
Freescale Semiconductor, Inc.
MMRF1308HR5 MMRF1308HSR5
Table 3. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD22--A114)
2
Machine Model (per EIA/JESD22--A115)
B
Charge Device Model (per JESD22--C101)
IV
Table 4. Electrical Characteristics (TA =25C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics (1)
Gate--Source Leakage Current
(VGS =5 Vdc, VDS =0 Vdc)
IGSS
—
—
1
Adc
Drain--Source Breakdown Voltage
(VGS =0 Vdc, ID = 100 mA)
V(BR)DSS
133
—
—
Vdc
Zero Gate Voltage Drain Leakage Current
(VDS =50 Vdc, VGS =0 Vdc)
IDSS
—
—
10
Adc
Zero Gate Voltage Drain Leakage Current
(VDS = 100 Vdc, VGS =0 Vdc)
IDSS
—
—
20
Adc
On Characteristics
Gate Threshold Voltage (1)
(VDS =10 Vdc, ID = 960 Adc)
VGS(th)
1.7
2.2
2.7
Vdc
Gate Quiescent Voltage
(VDD =50 Vdc, ID = 100 mAdc, Measured in Functional Test)
VGS(Q)
2.0
2.5
3.0
Vdc
Drain--Source On--Voltage (1)
(VGS =10 Vdc, ID =2 Adc)
VDS(on)
—
0.26
—
Vdc
Dynamic Characteristics (1)
Reverse Transfer Capacitance
(VDS =50 Vdc  30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Crss
—
1.60
—
pF
Output Capacitance
(VDS =50 Vdc  30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Coss
—
129
—
pF
Input Capacitance
(VDS =50 Vdc, VGS =0 Vdc  30 mV(rms)ac @ 1 MHz)
Ciss
—
342
—
pF
Functional Tests (In Freescale Test Fixture, 50 ohm system) VDD =50 Vdc, IDQ = 100 mA, Pout = 600 W Peak (120 W Avg.), f = 230 MHz,
100
sec Pulse Width, 20% Duty Cycle
Power Gain
Gps
23.5
25.0
26.5
dB
Drain Efficiency
D
73.5
74.6
—
%
Input Return Loss
IRL
—
--18
--12
dB
1. Each side of device measured separately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com