Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2297 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2297
Description  40V PWM Boost Regulator White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2297 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2297 Datasheet HTML 1Page - Micrel Semiconductor MIC2297 Datasheet HTML 2Page - Micrel Semiconductor MIC2297 Datasheet HTML 3Page - Micrel Semiconductor MIC2297 Datasheet HTML 4Page - Micrel Semiconductor MIC2297 Datasheet HTML 5Page - Micrel Semiconductor MIC2297 Datasheet HTML 6Page - Micrel Semiconductor MIC2297 Datasheet HTML 7Page - Micrel Semiconductor MIC2297 Datasheet HTML 8Page - Micrel Semiconductor MIC2297 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Micrel, Inc.
MIC2297
May 2005
3
M9999-050305
(408) 955-1690
Absolute Maximum Rating
(1)
Supply voltage (VIN)........................................................12V
Switch voltage (VSW) ........................................ -0.3V to 50V
Enable pin voltage (VEN)....................................... -0.3 to VIN
FB Voltage (VFB)...............................................................6V
VBRT ..................................................................................6V
Switch Current (ISW) .........................................................3A
Ambient Storage Temperature (TS)............-65°C to +150°C
ESD Rating
(3)................................................................ 2KV
Operating Range
(2)
Supply Voltage (VIN).......................................... 2.5V to 10V
Maximum Output Voltage (VOUT)....................................40V
Junction Temperature Range (TJ)..............-40°C to +125°C
Package Thermal Impedance
θJA 2.5mm x2.5mm MLF™-10L lead .................65°C/W
Electrical Characteristics
TA=25
oC, VIN =VEN = 3.6V, VOUT = 30V, IOUT = 20mA, unless otherwise noted. Bold values indicate -40°C ≤ TJ ≤ 125°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIN
Supply Voltage Range
2.5
10
V
VUVLO
Under-Voltage Lockout
1.8
2.1
2.4
V
IVIN
Quiescent Current
VFB = 200mV (not switching)
4
7
mA
ISD
Shutdown Current
VEN = 0V
(4)
0.1
1
µA
(+/-5%)
190
200
200
VFB
Feedback Voltage
(+/±6.5%) (Over Temp)
187
213
mV
IFB
Feedback Input Current
VFB = 200mV
-450
nA
Line Regulation
2.5V
≤ VIN ≤ 4.5V
0.5
1
%
Load Regulation
5mA
≤ IOUT ≤ 20mA
0.5
%
DMAX
Maximum Duty Cycle
93
%
ISW
Switch Current Limit
VIN 2.5V
1.2
1.7
2.5
A
VSW
Switch Saturation Voltage
VIN = 2.5V, ISW = 0.5A
220
mV
ISW
Switch Leakage Current
VEN = 0V, VIN = 10V
0.01
1
µA
VEN
Enable Threshold
TURN ON
TURN OFF
1.5
0.4
V
IEN
Enable Pin Current
VEN = 10V
20
40
µA
VREF
Brightness Control Accuracy
VBRT = 0V
VBRT = 1V
VBRT = 5V
VBRT = OPEN
0.185
0.95
0.19
0.2
1.0
0.2
0.015
0.215
1.05
0.21
V
fSW
Oscillator Frequency
525
600
675
KHz
VOVP
Over Voltage protection
MIC2297-42BML (nominal voltage)
MIC2297-15BML (nominal voltage)
42
15
46
16
50
18
V
150
°C
TJ
Over-Temperature Threshold
Shutdown
Hysteresis
10
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com