Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74VCX16244 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI74VCX16244
Description  16-Bit Buffer/Driver with 3-State Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74VCX16244 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI74VCX16244 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74VCX16244 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74VCX16244 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74VCX16244 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74VCX16244 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74VCX16244 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74VCX16244 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74VCX16244 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
PS8160C
09/27/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74VCX16244
16-Bit Buffer/Driver
with3-StateOutputs
AC Electrical Characteristics(1)
Notes
1. For CL = 50pF add approximatly 300ps to AC maximum specification
2. Skew is defined as the absolute value of the difference between the actual propagation delay for any
two separate outputs of the same device. The specification applies to any outputs switching in the
same direction, either HIGH or LOW (t
OSHL) or LOW to HIGH (tOSLH).
Capacitance
Dynamic Switching Characteristics
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
C
,
C
°
5
8
+
o
t
C
°
0
4
-
=
A
T
L
R
,
F
p
0
3
=
L
0
0
5
=
Ω
Ω
Ω
Ω
Ω
s
t
i
n
U
V D
D
V
3
.
0
±
V
3
.
3
=V D
D
V
2
.
0
±
V
5
.
2
=V D
D
V
8
.
1
=
.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
M
t L
H
P
t
,
H
L
P
y
a
l
e
D
p
o
r
P8
.
05
.
20
.
10
.
35
.
10
.
5
s
n
t L
Z
P
t
,
H
Z
P
e
m
i
T
e
l
b
a
n
E
t
u
p
t
u
O8
.
05
.
30
.
11
.
45
.
15
.
6
t Z
L
P
t
,
Z
H
P
e
m
i
T
e
l
b
a
s
i
D
t
u
p
t
u
O8
.
05
.
30
.
18
.
35
.
10
.
5
t
L
H
S
O
t H
L
S
O
w
e
k
S
t
u
p
t
u
O
o
t
t
u
p
t
u
O
)
2
(
5
.
05
.
05
.
0
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
CV D
D
TA
C
°
5
2
+
=
l
a
c
i
p
y
T
s
t
i
n
U
V P
L
O
V
k
a
e
P
c
i
m
a
n
y
D
t
u
p
t
u
O
t
e
i
u
Q
L
O
CL
V
,
F
p
0
5
=
H
I
V
=
D
D
V
,
L
I
V
0
=
8
.
1
5
.
2
3
.
3
5
2
.
0
6
.
0
8
.
0
V
V V
L
O
V
y
e
ll
a
V
c
i
m
a
n
y
D
t
u
p
t
u
O
t
e
i
u
Q
L
O
CL
V
,
F
p
0
5
=
H
I
V
=
D
D
V
,
L
I
V
0
=
8
.
1
5
.
2
3
.
3
5
2
.
0
-
6
.
0
-
8
.
0
-
V V
H
O
V
y
e
ll
a
V
c
i
m
a
n
y
D
t
u
p
t
u
O
t
e
i
u
Q
H
O
CL
V
,
F
p
0
5
=
H
I
V
=
D
D
V
,
L
I
V
0
=
8
.
1
5
.
2
3
.
3
5
.
1
9
.
1
2
.
2
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
C
º
5
2
+
=
A
T
l
a
c
i
p
y
T
s
t
i
n
U
C N
I
e
c
n
a
ti
c
a
p
a
C
t
u
p
n
I
V D
D
,
V
3
.
3
r
o
V
5
.
2
,
V
8
.
1
=
V1
V
r
o
V
0
=
D
D
6
F
p
C T
U
O
e
c
n
a
ti
c
a
p
a
C
t
u
p
t
u
O
V1
V
r
o
V
0
=
,
D
D
V D
D
V
3
.
3
r
o
V
5
.
2
,
V
8
.
1
=
7
C D
P
e
c
n
a
ti
c
a
p
a
C
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
V1
V
r
o
V
0
=
,
D
D
z
H
M
0
1
=
F
V D
D
V
3
.
3
r
o
V
5
.
2
,
V
8
.
1
=0
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com