Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74VCX16244AE Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI74VCX16244AE
Description  16-Bit Buffer/Driver with 3-State Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74VCX16244AE Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI74VCX16244AE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74VCX16244AE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74VCX16244AE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74VCX16244AE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74VCX16244AE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74VCX16244AE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74VCX16244AE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74VCX16244AE Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
PS8160C
09/27/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74VCX16244
16-Bit Buffer/Driver
with3-StateOutputs
Electrical Characteristics over Recommended Operating Free-Air Temperature Range
(unless otherwise noted)
DC Characteristics (2.7V<V
DD ≤
≤≤≤≤ 3.6V)
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
CV D
D
.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
V H
I
e
g
a
tl
o
V
t
u
p
n
I
l
e
v
e
L
H
G
I
H
6
.
3
-
7
.
2
0
.
2
V
V L
I
e
g
a
tl
o
V
t
u
p
n
I
l
e
v
e
L
W
O
L
8
.
0
V H
O
e
g
a
tl
o
V
t
u
p
t
u
O
l
e
v
e
L
H
G
I
H
I H
O
=
− 0
0
1
µAV D
D
2
.
0
-
I H
O
=
−
A
m
2
17
.
22
.
2
I H
O
=
−
A
m
8
1
0
.
3
4
.
2
I H
O
=
−
A
m
4
22
.
2
V L
O
e
g
a
tl
o
V
t
u
p
t
u
O
l
e
v
e
L
W
O
L
I L
O =0
0
1
µA6
.
3
-
7
.
22
.
0
I L
O =2
1A
m7
.
24
.
0
I L
O =8
1A
m
0
.
3
4
.
0
I L
O =4
2A
m5
5
.
0
II
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
n
IVI =,
V
0
.
0VI =V
6
.
36
.
30
.
5
±
µA
I Z
O
e
g
a
k
a
e
L
t
u
p
t
u
O
E
T
A
T
S
-
3
0
≤ VO ≤
V
6
.
3
VI V
=
H
I
V
r
o
L
I
6
.
3
-
7
.
20
1
±
I F
F
O
t
n
e
r
r
u
C
e
g
a
k
a
e
L
F
F
O
-
r
e
w
o
P0
≤ V
( I V
, O)
≤
V
6
.
30
0
1
I D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
t
n
e
c
s
e
i
u
Q
VI V
=
D
D
D
N
G
o
t
6
.
3
-
7
.
2
0
2
V D
D
≤ V
( I V
, O)
≤
V
6
.
30
2
±
∆I D
D
I
n
i
e
s
a
e
r
c
n
I
D
D
t
u
p
n
i
r
e
p
V H
I
V
=
D
D
,
V
6
.
0
-
V
t
a
s
t
u
p
n
i
r
e
h
t
O
D
D
d
n
G
r
o
0
5
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com