Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C13806 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C13806
Description  ~80째 wide beam
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C13806 Datasheet(HTML) 1 Page - Ledil, Inc.

  C13806 Datasheet HTML 1Page - Ledil, Inc. C13806 Datasheet HTML 2Page - Ledil, Inc. C13806 Datasheet HTML 3Page - Ledil, Inc. C13806 Datasheet HTML 4Page - Ledil, Inc. C13806 Datasheet HTML 5Page - Ledil, Inc. C13806 Datasheet HTML 6Page - Ledil, Inc. C13806 Datasheet HTML 7Page - Ledil, Inc. C13806 Datasheet HTML 8Page - Ledil, Inc. C13806 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
PRODUCT
DATASHEET
C13806_MIRELLA-XW-PF
MIRELLA-XW-PF
~80° wide beam
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 50 mm
Height
23.9 mm
Fastening
socket
Colour
white
Box size
480 x 280 x 300 mm
Box weight
3.3 kg
Quantity in Box
336 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Coating
MIRELLA-XW-PF
Reflector
HRPC
white
Last update: 28/02/2018
Subject to change without prior notice
Published: 03/05/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/27


Similar Part No. - C13806

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C13805 CREE-C13805 Datasheet
3Mb / 58P
Strada series
logo
Ledil, Inc.
C13805 LEDIL-C13805 Datasheet
3Mb / 64P
Strada Lens
More results

Similar Description - C13806

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C14472 LEDIL-C14472 Datasheet
3Mb / 6P
~80째 wide beam
CN16586 LEDIL-CN16586 Datasheet
6Mb / 4P
~80째 wide beam
CN16604 LEDIL-CN16604 Datasheet
3Mb / 5P
~80째 wide beam
CN17387 LEDIL-CN17387 Datasheet
4Mb / 4P
~80째 wide beam
DAISY-2X2-WW LEDIL-DAISY-2X2-WW Datasheet
5Mb / 7P
~80째 wide beam
DAISY-2X2-WW-D LEDIL-DAISY-2X2-WW-D Datasheet
5Mb / 6P
~80째 wide beam. Variant with diffused lenses.
DAISY-7X1-WW LEDIL-DAISY-7X1-WW Datasheet
10Mb / 9P
~80째 wide beam
DAISY-28X1-WW LEDIL-DAISY-28X1-WW Datasheet
10Mb / 10P
~80째 wide beam. Variant with 4X1 lenses.
DAISY-8X1-WW-MATT LEDIL-DAISY-8X1-WW-MATT Datasheet
3Mb / 5P
~80째 wide beam
FP11429 LEDIL-FP11429 Datasheet
5Mb / 8P
~80째 wide beam
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com