Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C14305 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C14305
Description  Basepart for STELLA. Compatible with CREE CXA15xx and CXA18xx.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C14305 Datasheet(HTML) 1 Page - Ledil, Inc.

  C14305 Datasheet HTML 1Page - Ledil, Inc. C14305 Datasheet HTML 2Page - Ledil, Inc. C14305 Datasheet HTML 3Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRODUCT
DATASHEET
C14305_STELLA-CLAMP-CXA15-18
STELLA-CLAMP-CXA15-18
Basepart for STELLA. Compatible with CREE
CXA15xx and CXA18xx.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 37 mm
Height
2 mm
Fastening
screw
Colour
white
Box size
380 x 280 x 270 mm
Box weight
5.3 kg
Quantity in Box
3200 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STELLA-CLAMP-CXA15-18
Base part
PC
white
Last update: 08/02/2016
Subject to change without prior notice
1/3
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - C14305

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C14321 CREE-C14321 Datasheet
329Kb / 7P
Strada series
logo
Ledil, Inc.
C14321 LEDIL-C14321 Datasheet
1Mb / 4P
IESNA Type ll (medium) beam, applicable for European P-class standard pedestrian
C14346 LEDIL-C14346 Datasheet
17Mb / 19P
Asymmetric wall-washer beam
C14353 LEDIL-C14353 Datasheet
2Mb / 3P
Installation clip for fastening FLORENCE-1R optics or FLORENTINA-HLD with a 40 mm wide PCB
C14370 LEDIL-C14370 Datasheet
3Mb / 3P
Basepart compatible with BROOKE reflectors and Bridgelux VERO10.
More results

Similar Description - C14305

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C12153 LEDIL-C12153 Datasheet
4Mb / 3P
Basepart for LENA and LENINA reflectors
C12292 LEDIL-C12292 Datasheet
3Mb / 3P
Basepart for LENA and LENINA reflectors.
C12691 LEDIL-C12691 Datasheet
3Mb / 3P
Basepart for LENA and LENINA reflectors.
C13088 LEDIL-C13088 Datasheet
4Mb / 3P
Basepart for LENA and LENINA reflectors.
C14370 LEDIL-C14370 Datasheet
3Mb / 3P
Basepart compatible with BROOKE reflectors and Bridgelux VERO10.
C16058 LEDIL-C16058 Datasheet
1Mb / 3P
횠50 mm basepart for Xicato XTM and XIM modules compatible with RONDA and CARMEN
C16140 LEDIL-C16140 Datasheet
3Mb / 3P
Basepart for reflectors and lenses
C13186 LEDIL-C13186 Datasheet
2Mb / 3P
Basepart for LENA and LENINA reflectors.
C14123 LEDIL-C14123 Datasheet
1Mb / 3P
Basepart for reflectors and lenses with A-type interface
C12105 LEDIL-C12105 Datasheet
1Mb / 3P
Basepart for LENA and LENINA reflectors.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com