Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6752 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC6752
Description  Comparator Family with Rail-to-Rail Inputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6752 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC6752 Datasheet HTML 9Page - Analog Devices LTC6752 Datasheet HTML 10Page - Analog Devices LTC6752 Datasheet HTML 11Page - Analog Devices LTC6752 Datasheet HTML 12Page - Analog Devices LTC6752 Datasheet HTML 13Page - Analog Devices LTC6752 Datasheet HTML 14Page - Analog Devices LTC6752 Datasheet HTML 15Page - Analog Devices LTC6752 Datasheet HTML 16Page - Analog Devices LTC6752 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
LTC6752/LTC6752-1/
LTC6752-2/LTC6752-3/
LTC6752-4
13
6752fc
For more information www.linear.com/LTC6752
Typical perForMance characTerisTics ac V
CC = VDD = 2.5V, CLOAD = 5pF,
VOVERDRIVE = 50mV, VCM = 300mV, TA = 25°C, transient input voltage 10MHz, 150mVP-P square wave unless otherwise noted.
VCC ≠ VDD conditions applicable only to the LTC6752-2/LTC6752-3/LTC6752-4.
Propagation Delay vs Input Stage
Supply Voltage
Rise/Fall times vs
Capacitive Load
Propagation Delay vs Output
Stage Supply Voltage
Toggle Rate vs Input Amplitude,
LTC6752/LTC6752-1/LTC6752-2/
LTC6752-4
Propagation Delay vs
Capacitive Load
Toggle Rate vs Input Amplitude,
LTC6752-3
Propagation Delay vs Input
Overdrive
Propagation Delay vs Common
Mode Voltage
Propagation Delay vs
Temperature
OVERDRIVE (mV)
6752 G25
10
5.0
4.0
3.0
4.5
3.5
2.5
2.0
50
80
30
20
60
100
120
70
90
110
40
tpdHL
tpdLH
VCC = 5V, VDD = 1.8V
VCC = 2.5V, VDD = 2.5V
VCC VOLTAGE (V)
2.45
3.00
2.95
2.90
2.75
2.65
2.80
2.70
2.85
2.60
3.65
4.85
6752 G28
5.25
3.25
4.45
2.85
4.05
tpdLH
tpdHL
3.5
LOAD CAPACITANCE (pF)
0
20
10
6752 G31
15
5
3.0
2.0
1.0
0
2.5
1.5
0.5
tRISE
tFALL
VCC = 5V, VDD = 1.8V
VCC = 2.5V, VDD = 2.5V
20
200
2000
360
INPUT AMPLITUDE (mVP-P)
6752 G32
160
180
200
220
240
260
280
300
320
340
VCM = 1V
RL = 1k
VCC = 5V, VDD = 1.8V
VCC = 2.5V, VDD = 2.5V
VCC = 3.3V, VDD = 3.3V
20
200
2000
300
INPUT AMPLITUDE (mVP-P)
6752 G33
140
160
180
200
220
240
260
280
VCM = 1V
RL = 1k
VCC = 5V, VDD = 1.8V
VCC = 2.5V, VDD = 2.5V
VCC = 3.3V, VDD = 3.3V
VDD VOLTAGE (V)
1.6
3.7
3.5
3.3
2.7
2.9
3.1
2.5
2.2
3.4
6752 G29
3.6
2.0
3.2
3.0
1.8
2.4 2.6 2.8
tpdLH
tpdHL
4.2
4.0
LOAD CAPACITANCE (pF)
0
20
10
6752 G30
15
5
3.8
3.6
3.2
2.8
2.4
3.4
3.0
2.6
tpdHL
tpdLH
VCC = 5V, VDD = 1.8V
VCC = 2.5V, VDD = 2.5V
4.1
TEMPERATURE (°C)
–55
25
105
–15
65
6752 G27
125
5
85
–35
45
3.9
3.7
3.3
2.9
2.5
3.5
3.1
2.7
tpdHL
tpdLH
VCC = 5V, VDD = 1.8V
VCC = 2.5V, VDD = 2.5V
INPUT COMMON MODE VOLTAGE (V)
6752 G26
–0.2
3.5
3.0
2.5
1.0
1.8
0.2
1.4
2.2
2.6
0.6
tpd, OUTPUT FALLING (tpdHL)
tpd, OUTPUT RISING(tpdHL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com