Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLC-RSP-120UC Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # PLC-RSP-120UC
Description  Efficient connection to system cabling using V8 adapter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RSP-120UC Datasheet(HTML) 1 Page - PHOENIX CONTACT

  PLC-RSP-120UC Datasheet HTML 1Page - PHOENIX CONTACT PLC-RSP-120UC Datasheet HTML 2Page - PHOENIX CONTACT PLC-RSP-120UC Datasheet HTML 3Page - PHOENIX CONTACT PLC-RSP-120UC Datasheet HTML 4Page - PHOENIX CONTACT PLC-RSP-120UC Datasheet HTML 5Page - PHOENIX CONTACT PLC-RSP-120UC Datasheet HTML 6Page - PHOENIX CONTACT PLC-RSP-120UC Datasheet HTML 7Page - PHOENIX CONTACT PLC-RSP-120UC Datasheet HTML 8Page - PHOENIX CONTACT PLC-RSP-120UC Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
https://www.phoenixcontact.com/us/products/2966524
07/15/2016   Page 1 / 12
Relay Module - PLC-RSP-120UC/21 - 2966524
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PLC relay, consisting of base terminal block PLC-BSP.../21 with spring-cage connection and pluggable miniature
relay with power contact, for assembly on DIN rail NS 35/7.5, 1 PDT, input voltage 120 V AC / 110 V DC
The illustration shows the version
PLC-RSC-24DC/21
Why buy this product
Slim design
Efficient connection to system cabling using V8 adapter
RT III sealed relay
Safe isolation according to DIN EN 50178 between coil and contact
Integrated input circuit and interference suppression circuit
Functional plug-in bridges
Key Commercial Data
Packing unit
1 STK
GTIN
Weight per Piece (excluding packing)
31.87 g
Custom tariff number
85364900
Country of origin
Germany
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area


Similar Part No. - PLC-RSP-120UC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLC-RSP-120UC/21 PHOENIX-PLC-RSP-120UC/21 Datasheet
590Kb / 14P
Universal PLC Interface with PDT Relay
PLC-RSP-120UC/21AU PHOENIX-PLC-RSP-120UC/21AU Datasheet
590Kb / 14P
Universal PLC Interface with PDT Relay
More results

Similar Description - PLC-RSP-120UC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLC-V8L PHOENIX-PLC-V8L Datasheet
83Kb / 5P
V8 adapter for 8 x PLC-INTERFACE (14 mm); Controller: PLC system cabling of output cards; connection 1
PLC-RSP-24UC PHOENIX-PLC-RSP-24UC Datasheet
98Kb / 6P
Efficient connection to system cabling using V8 adapter
PLC-RSP-48DC PHOENIX-PLC-RSP-48DC Datasheet
96Kb / 6P
Efficient connection to system cabling using V8 adapter
PLC-RSP-230UC PHOENIX-PLC-RSP-230UC Datasheet
102Kb / 6P
Efficient connection to system cabling using V8 adapter
PLC-OSC-125DC PHOENIX-PLC-OSC-125DC Datasheet
80Kb / 5P
Efficient connection to system cabling using V8 adapter
PLC-RSC-60DC PHOENIX-PLC-RSC-60DC Datasheet
101Kb / 6P
Efficient connection to system cabling using V8 adapter
PLC-SC-EIK1-SVN24P PHOENIX-PLC-SC-EIK1-SVN24P Datasheet
89Kb / 5P
Connection option for PLC-V8 adapter
2296553 PHOENIX-2296553 Datasheet
103Kb / 6P
System connection - PLC-V8/FLK14/IN
2296074 PHOENIX-2296074 Datasheet
552Kb / 17P
System connection - PLC-V8/D15S/IN
2296087 PHOENIX-2296087 Datasheet
520Kb / 16P
System connection - PLC-V8/D15B/IN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com