Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCD660 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # HCD660
Description  High Performance OCXO with Sine Output and European pin-out
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

HCD660 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  HCD660 Datasheet HTML 1Page - Golledge Electronics Ltd HCD660 Datasheet HTML 2Page - Golledge Electronics Ltd HCD660 Datasheet HTML 3Page - Golledge Electronics Ltd HCD660 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HCD660 1/4
v1.0
HCD660
HCD660
High Performance OCXO with Sine
High Performance OCXO with Sine
Output and European pin-out
Output and European pin-out
Temperature stability down to 1ppb
Single 12V supply (12V ~ 30V optional)
Standard European pin-out
Custom options available
Option Code
CONFIGURABLE OPTIONS
Parameter
Frequency
Ageing per day (at despatch)
Any
< 1x10
D
< 5x10
E
< 2x10
F
Temperature stability
Any
< 1x10
R
< 5x10
S
< 3x10
T
< 1x10
V
Operating temperature range
Any
-10 to +60°C
C
-20 to +70°C
F
-40 to +70°C
G
Output waveform
Sine wave, 7dBm (±1dBm) into 50Ω
Supply voltage (V )
+12V (±0.5V)
N
Close-in phase noise (@ 5.0MHz)
Any
< -110 dBc/Hz @ 1Hz, <-135 @ 10Hz
< -123 dBc/Hz @ 1Hz, <-140 @ 10Hz
Z
< -150 dBc/Hz @ 100Hz
Close-in phase noise (@ 10.0MHz)
Any
< -95 dBc/Hz @ 1Hz, <-130 @ 10Hz
< -108 dBc/Hz @ 1Hz, <-135 @ 10Hz
Z
< -145 dBc/Hz @ 100Hz
-9
-10
-10
-8
-9
-9
-9
DD


Similar Part No. - HCD660

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HCD660 GOLLEDGE-HCD660 Datasheet
66Kb / 1P
OCXO Sine Output High Performance
HCD660/DRFN GOLLEDGE-HCD660/DRFN Datasheet
66Kb / 1P
OCXO Sine Output High Performance
HCD660/FTFN GOLLEDGE-HCD660/FTFN Datasheet
66Kb / 1P
OCXO Sine Output High Performance
More results

Similar Description - HCD660

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HCD660 GOLLEDGE-HCD660 Datasheet
66Kb / 1P
OCXO Sine Output High Performance
HCD220 GOLLEDGE-HCD220 Datasheet
65Kb / 1P
OCXO Sine Output
MCOCXOWS GOLLEDGE-MCOCXOWS_18 Datasheet
556Kb / 5P
3.3V OCXO with Sine Output
MCOCXOVS GOLLEDGE-MCOCXOVS_18 Datasheet
556Kb / 5P
5V OCXO with Sine Output
HCD661 GOLLEDGE-HCD661_18 Datasheet
553Kb / 4P
High Performance OCXO with CMOS Output and European pin-out
HCD665 GOLLEDGE-HCD665_18 Datasheet
558Kb / 5P
Fast Warm Up OCXO with Sine Output and European Pin-out
HCD666 GOLLEDGE-HCD666_18 Datasheet
553Kb / 4P
Fast Warm Up OCXO with CMOS Output and European Pin-out
HCD680 GOLLEDGE-HCD680 Datasheet
558Kb / 5P
High Performance OCXO with Sine Output and US pin-out
HCD681 GOLLEDGE-HCD681 Datasheet
553Kb / 4P
HighPerformance OCXOwithCMOS Outputand USpin-out
HCD685 GOLLEDGE-HCD685 Datasheet
558Kb / 5P
Fast Warm Up OCXO with Sine Output and US Pin-out
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com