Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1743 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1743
Description  12-Bit, 50Msps ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1743 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1743 Datasheet HTML 9Page - Linear Technology LTC1743 Datasheet HTML 10Page - Linear Technology LTC1743 Datasheet HTML 11Page - Linear Technology LTC1743 Datasheet HTML 12Page - Linear Technology LTC1743 Datasheet HTML 13Page - Linear Technology LTC1743 Datasheet HTML 14Page - Linear Technology LTC1743 Datasheet HTML 15Page - Linear Technology LTC1743 Datasheet HTML 16Page - Linear Technology LTC1743 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
LTC1743
1743f
APPLICATIO S I FOR ATIO
Figure 2. Equivalent Input Circuit
CSAMPLE
7pF
CPARASITIC
CPARASITIC
8pF
VDD
LTC1743
AIN
+
1743 F02
CSAMPLE
7pF
8pF
BIAS
VDD
5V
AIN
–
ENC
ENC
2V
6k
2V
6k
When ENC is low, the analog input is sampled differentially
directly onto the input sample-and-hold capacitors, inside
the “Input S/H” shown in the block diagram. At the instant
that ENC transitions from low to high, the sampled input
is held. While ENC is high, the held input voltage is
buffered by the S/H amplifier which drives the first pipelined
ADC stage. The first stage acquires the output of the S/H
during this high phase of ENC. When ENC goes back low,
the first stage produces its residue which is acquired by
the second stage. At the same time, the input S/H goes
back to acquiring the analog input. When ENC goes back
high, the second stage produces its residue which is
acquired by the third stage. An identical process is re-
peated for the third stage, resulting in a third stage residue
that is sent to the fourth stage ADC for final evaluation.
Each ADC stage following the first has additional range to
accommodate flash and amplifier offset errors. Results
from all of the ADC stages are digitally delayed such that
the results can be properly combined in the correction
logic before being sent to the output buffer.
SAMPLE/HOLD OPERATION AND INPUT DRIVE
Sample Hold Operation
Figure 2 shows an equivalent circuit for the LTC1743
CMOS differential sample-and-hold. The differential ana-
log inputs are sampled directly onto sampling capacitors
(CSAMPLE) through CMOS transmission gates. This direct
capacitor sampling results in lowest possible noise for a
given sampling capacitor size. The capacitors shown
attached to each input (CPARASITIC) are the summation of
all other capacitance associated with each input.
During the sample phase when ENC/ENC is low, the
transmission gate connects the analog inputs to the sam-
pling capacitors and they charge to and track the differen-
tial input voltage. When ENC/ENC transitions from low to
high the sampled input voltage is held on the sampling
capacitors. During the hold phase when ENC/ENC is high
the sampling capacitors are disconnected from the input
and the held voltage is passed to the ADC core for
processing. As ENC/ENC transitions from high to low the
inputs are reconnected to the sampling capacitors to
acquire a new sample. Since the sampling capacitors still
hold the previous sample, a charging glitch proportional to
the change in voltage between samples will be seen at this
time. If the change between the last sample and the new
sample is small the charging glitch seen at the input will be
small. If the input change is large, such as the change seen
with input frequencies near Nyquist, then a larger charging
glitch will be seen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com