Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1744 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1744
Description  14-Bit, 50Msps ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1744 Datasheet(HTML) 1 Page - Linear Technology

  LTC1744 Datasheet HTML 1Page - Linear Technology LTC1744 Datasheet HTML 2Page - Linear Technology LTC1744 Datasheet HTML 3Page - Linear Technology LTC1744 Datasheet HTML 4Page - Linear Technology LTC1744 Datasheet HTML 5Page - Linear Technology LTC1744 Datasheet HTML 6Page - Linear Technology LTC1744 Datasheet HTML 7Page - Linear Technology LTC1744 Datasheet HTML 8Page - Linear Technology LTC1744 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
LTC1744
1744f
14-Bit, 50Msps ADC
s
Sample Rate: 50Msps
s
77dB SNR and 87dB SFDR (3.2V Range)
s
73.5dB SNR and 90dB SFDR (2V Range)
s
No Missing Codes
s
Single 5V Supply
s
Power Dissipation: 1.2W
s
Selectable Input Ranges:
±1V or ±1.6V
s
150MHz Full Power Bandwidth S/H
s
Pin Compatible Family
25Msps: LTC1746 (14 Bit), LTC1745 (12 Bit)
50Msps: LTC1744 (14 Bit), LTC1743 (12 Bit)
65Msps: LTC1742 (14 Bit), LTC1741 (12 Bit)
80Msps: LTC1748 (14 Bit), LTC1747 (12 Bit)
s
48-Pin TSSOP Package
s
Telecommunications
s
Receivers
s
Base Stations
s
Spectrum Analysis
s
Imaging Systems
, LTC and LT are registered trademarks of Linear Technology Corporation.
OF
14-BIT
PIPELINED ADC
14
S/H
CIRCUIT
±1V
DIFFERENTIAL
ANALOG INPUT
AIN
+
AIN
–
SENSE
VCM
4.7
µF
DIFF AMP
REFLA
REFHB
GND
1744 BD
ENC
4.7
µF
0.1
µF
0.1
µF
1
µF1µF
REFHA
REFLB
BUFFER
RANGE
SELECT
2.5VREF
CORRECTION
LOGIC AND
SHIFT
REGISTER
OUTPUT
LATCHES
CONTROL LOGIC
OVDD
VDD
OGND
0.5V TO 5V
5V
0.1
µF
1
µF
1
µF
1
µF
D13
D0
CLKOUT
•
•
•
ENC
DIFFERENTIAL
ENCODE INPUT
OE
MSBINV
0.1
µF
The LTC
®1744 is a 50Msps, sampling 14-bit A/D con-
verter designed for digitizing high frequency, wide dynamic
range signals. Pin selectable input ranges of
±1Vand±1.6V
along with a resistor programmable mode allow the
LTC1744’s input range to be optimized for a wide variety
of applications.
The LTC1744 is perfect for demanding communications
applications with AC performance that includes 77dB
SNR and 87dB spurious free dynamic range. Ultralow jitter
of 0.3psRMS allows undersampling of IF frequencies with
excellent noise performance. DC specs include
±4LSB
maximum INL and no missing codes over temperature.
The digital interface is compatible with 5V, 3V and 2V logic
systems. The ENC and ENC inputs may be driven differen-
tially from PECL, GTL and other low swing logic families or
from single-ended TTL or CMOS. The low noise, high gain
ENC and ENC inputs may also be driven by a sinusoidal
signal without degrading performance. A separate output
power supply can be operated from 0.5V to 5V, making it
easy to connect directly to any low voltage DSPs or FIFOs.
The TSSOP package with a flow-through pinout simplifies
the board layout.
50Msps, 14-Bit ADC with a
±1V Differential Input Range
DESCRIPTIO
FEATURES
APPLICATIO S
BLOCK DIAGRA


Similar Part No. - LTC1744

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1744 LINER-LTC1744 Datasheet
548Kb / 24P
14-Bit, 50Msps ADC
LTC1744 LINER-LTC1744_15 Datasheet
548Kb / 24P
14-Bit, 50Msps ADC
More results

Similar Description - LTC1744

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5271 BURR-BROWN-ADS5271 Datasheet
537Kb / 19P
8-Channel, 12-Bit, 50MSPS ADC with Serial LVDS Interface
logo
Linear Technology
LTC1743 LINER-LTC1743 Datasheet
517Kb / 24P
12-Bit, 50Msps ADC
LTC1666 LINER-LTC1666 Datasheet
890Kb / 24P
12-Bit, 14-Bit, 16-Bit, 50Msps DACs
logo
Exar Corporation
XRD64L44 EXAR-XRD64L44 Datasheet
162Kb / 15P
Dual 10-Bit 50MSPS CMOS ADC
logo
Maxim Integrated Produc...
MAX1436 MAXIM-MAX1436 Datasheet
691Kb / 22P
Octal, 10-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
logo
Linear Technology
LTC1743 LINER-LTC1743_15 Datasheet
517Kb / 24P
12-Bit, 50Msps ADC
LTC1744 LINER-LTC1744_15 Datasheet
548Kb / 24P
14-Bit, 50Msps ADC
LTC1666 LINER-LTC1666_15 Datasheet
887Kb / 24P
12-Bit, 14-Bit, 16-Bit, 50Msps DACs
LTC1667 LINER-LTC1667_15 Datasheet
887Kb / 24P
12-Bit, 14-Bit, 16-Bit, 50Msps DACs
LTC1668 LINER-LTC1668_15 Datasheet
887Kb / 24P
12-Bit, 14-Bit, 16-Bit, 50Msps DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com