Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6014CS8 Datasheet(PDF) 10 Page - Linear Technology

Part # LT6014CS8
Description  Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6014CS8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT6014CS8 Datasheet HTML 6Page - Linear Technology LT6014CS8 Datasheet HTML 7Page - Linear Technology LT6014CS8 Datasheet HTML 8Page - Linear Technology LT6014CS8 Datasheet HTML 9Page - Linear Technology LT6014CS8 Datasheet HTML 10Page - Linear Technology LT6014CS8 Datasheet HTML 11Page - Linear Technology LT6014CS8 Datasheet HTML 12Page - Linear Technology LT6014CS8 Datasheet HTML 13Page - Linear Technology LT6014CS8 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LT6013/LT6014
10
60134fa
TYPICAL PERFOR A CE CHARACTERISTICS
Channel Separation vs Frequency
CMRR vs Frequency
FREQUENCY (Hz)
110
40
60
80
100
120
100
1k
10k
100k
1M
60134 G20
20
0
140
160
LT6014
VS = 5V, 0V
TA = 25°C
FREQUENCY (Hz)
110
40
60
80
100
120
100
1k
10k
100k
1M
60134 G21
20
0
140
160
TA = 25°C
PSRR vs Frequency, Single Supply
FREQUENCY (Hz)
0.1
0
80
100
120
140
1
10
100
1k
10k
100k
1M
60134 G19
60
40
20
VS = 5V, 0V
TA = 25°C
THD + Noise vs Frequency
THD + Noise vs Frequency
Settling Time vs Output Step
FREQUENCY (Hz)
10
0.0001
0.01
10
1k
10k
100
100k
60134 G16
0.001
0.1
1
VS = 5V, 0V
VOUT = 2VP-P
TA = 25°C
AV = 5
FREQUENCY (Hz)
10
0.0001
0.01
10
1k
10k
100
60134 G17
0.001
0.1
1
VS = ±15V
VOUT = 20VP-P
TA = 25°C
AV = 5
SETTLING TIME (
µs)
0
0
2
3
4
10
20
25
30
60134 G18
1
515
VS = 5V, 0V
AV = 5
TA = 25°C
0.1%
0.01%
Supply Current vs Supply Voltage
Warm-Up Drift
SUPPLY VOLTAGE (
±V)
0
300
400
500
16
60134 G14
200
100
250
350
450
150
50
0
4
2
8
6
12 14
18
10
20
PER AMPLIFIER
TA = 85°C
TA = –40°C
TA = 25°C
TIME AFTER POWER-ON (SECONDS)
0
1
2
3
30
60
90
120
60134 G15
150
±15V
±2.5V
PSRR vs Frequency, Split Supplies
FREQUENCY (Hz)
0.1
0
80
100
120
140
1
10
100
1k
10k
100k
1M
60134 G22
60
40
20
VS = ±15V
TA = 25°C
POSITIVE
SUPPLY
NEGATIVE
SUPPLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com