Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4041DILPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM4041DILPR
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4041DILPR Datasheet(HTML) 3 Page - Texas Instruments

  LM4041DILPR Datasheet HTML 1Page - Texas Instruments LM4041DILPR Datasheet HTML 2Page - Texas Instruments LM4041DILPR Datasheet HTML 3Page - Texas Instruments LM4041DILPR Datasheet HTML 4Page - Texas Instruments LM4041DILPR Datasheet HTML 5Page - Texas Instruments LM4041DILPR Datasheet HTML 6Page - Texas Instruments LM4041DILPR Datasheet HTML 7Page - Texas Instruments LM4041DILPR Datasheet HTML 8Page - Texas Instruments LM4041DILPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
www.ti.com
LM4041
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
SLCS146C – FEBRUARY 2005 – REVISED MAY 2005
ORDERING INFORMATION
ORDERABLE
TOP-SIDE
TA
DEVICE GRADE
VZ
PACKAGE(1)
PART NUMBER
MARKING(2)
C grade:
Reel of 3000
LM4041CQDBZR
ADJ
SOT-23-3 (DBZ)
4MP_
0.5% initial
Reel of 250
LM4041CQDBZT
accuracy
Reel of 3000
LM4041C12QDBZR
and
100 ppm/
°C
1.2 V
SOT-23-3 (DBZ)
4MS_
temperature
Reel of 250
LM4041C12QDBZT
coefficient
–40
°C to 125°C
D grade:
Reel of 3000
LM4041DQDBZR
ADJ
SOT-23-3 (DBZ)
4MR_
1.0% initial
Reel of 250
LM4041DQDBZT
accuracy
Reel of 3000
LM4041D12QDBZR
and
150 ppm/
°C
1.2 V
SOT-23-3 (DBZ)
4MT_
temperature
Reel of 250
LM4041D12QDBZT
coefficient
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DBZ/DCK: The actual top-side marking has one additional character that designates the assembly/test site.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com