Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDBF151U Datasheet(PDF) 1 Page - Diodes Incorporated

Part # RDBF151U
Description  1.5A SURFACE MOUNT FAST GLASS PASSIVATED BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

RDBF151U Datasheet(HTML) 1 Page - Diodes Incorporated

  RDBF151U Datasheet HTML 1Page - Diodes Incorporated RDBF151U Datasheet HTML 2Page - Diodes Incorporated RDBF151U Datasheet HTML 3Page - Diodes Incorporated RDBF151U Datasheet HTML 4Page - Diodes Incorporated RDBF151U Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RDBF151U-RDBF1510U
Document number: DS39410
Rev. 2 - 2
1 of 5
www.diodes.com
June 2018
© Diodes Incorporated
RDBF151U-RDBF1510U
1.5A SURFACE MOUNT FAST GLASS PASSIVATED BRIDGE RECTIFIER
Product Summary (@TA = +25°C)
VRRM (V)
IO (A)
VFM (V)
IR (μA)
1000,800,600,
400,200,100
1.5
1.3
5
Description and Applications
Suitable for AC to DC bridge full wave rectification for SMPS, LED
lighting, adapter, battery charger, home appliances, office equipment,
and telecommunication applications.
Features and Benefits
Glass Passivated Die Construction
Miniature Package Saves Space on PC Boards
Low Leakage Current
Ideal for SMT Manufacturing
Low Forward Voltage Drop
Fast Recovery Time for Higher Efficiency
Surge Overload Rating to 70A Peak
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: DBF
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Lead Free Plating (Matte Tin Finish). Solderable per
MIL-STD-202, Method 208
Polarity: As Marked on Body
Weight: 0.02 grams (Approximate)
Ordering Information (Note 4)
Part Number
Compliance
Case
Packaging
RDBF1510U-13
Commercial
DBF
3,000/Tape & Reel
RDBF158U-13
Commercial
DBF
3,000/Tape & Reel
RDBF156U-13
Commercial
DBF
3,000/Tape & Reel
RDBF154U-13
Commercial
DBF
3,000/Tape & Reel
RDBF152U-13
Commercial
DBF
3,000/Tape & Reel
RDBF151U-13
Commercial
DBF
3,000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant. All applicable RoHS exemptions applied.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Green
Top View
Internal Schematic
RDBF15x(x)U = Product Type Marking Code
= Manufacturers’ Code Marking
YMD = Date Code Marking
Y = Last Digit of Year (ex: 8 = 2018)
M = See Month/Code Table Below
D = Day 1~9 =1~9; Day 10~31= A~V
RDBF15x(x)U
YMD


Similar Part No. - RDBF151U

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RDBF-15PA-LN HIROSE-RDBF-15PA-LN Datasheet
152Kb / 4P
D SUB RANGE WITH FERRITE
RDBF-15PA-LN4-40 HIROSE-RDBF-15PA-LN4-40 Datasheet
152Kb / 4P
D SUB RANGE WITH FERRITE
RDBF-15PA-LNA HIROSE-RDBF-15PA-LNA Datasheet
152Kb / 4P
D SUB RANGE WITH FERRITE
RDBF-15PA-LNA4-40 HIROSE-RDBF-15PA-LNA4-40 Datasheet
152Kb / 4P
D SUB RANGE WITH FERRITE
RDBF-15PE-LN HIROSE-RDBF-15PE-LN Datasheet
152Kb / 4P
D SUB RANGE WITH FERRITE
More results

Similar Description - RDBF151U

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF150S WTE-DF150S Datasheet
52Kb / 3P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
DF15005S DIODES-DF15005S Datasheet
53Kb / 2P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17002 Rev. D-2
logo
Won-Top Electronics
DF150S WTE-DF150S_06 Datasheet
73Kb / 4P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
DF1502S-T DIODES-DF1502S-T Datasheet
69Kb / 3P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev erse
logo
Zibo Seno Electronic En...
DB151 ZSELEC-DB151 Datasheet
85Kb / 2P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
DF15005S DIODES-DF15005S_16 Datasheet
296Kb / 5P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 11
RABF152 DIODES-RABF152 Datasheet
468Kb / 5P
1.5A SURFACE MOUNT FAST GLASS PASSIVATED BRIDGE RECTIFIER
Rev 2
UABF1510 DIODES-UABF1510 Datasheet
433Kb / 5P
1.5A SURFACE MOUNT FAST GLASS PASSIVATED BRIDGE RECTIFIER
Rev 3
logo
Zibo Seno Electronic En...
DI150 ZSELEC-DI150 Datasheet
118Kb / 2P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
TB1505S ZSELEC-TB1505S Datasheet
86Kb / 2P
1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com