Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDBF32 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # RDBF32
Description  3.0A SURFACE MOUNT FAST GLASS PASSIVATED BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

RDBF32 Datasheet(HTML) 1 Page - Diodes Incorporated

  RDBF32 Datasheet HTML 1Page - Diodes Incorporated RDBF32 Datasheet HTML 2Page - Diodes Incorporated RDBF32 Datasheet HTML 3Page - Diodes Incorporated RDBF32 Datasheet HTML 4Page - Diodes Incorporated RDBF32 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RDBF31-RDBF310
Document number: DS39412 Rev. 2 - 2
1 of 5
www.diodes.com
June 2018
© Diodes Incorporated
RDBF31-RDBF310
3.0A SURFACE MOUNT FAST GLASS PASSIVATED BRIDGE RECTIFIER
Product Summary (@TA = +25°C)
VRRM (V)
IO (A)
VFM (V)
IR (μA)
1000,800,600,
400,200,100
3.0
1.3
5
Description and Applications
Suitable for AC to DC bridge full wave rectification for SMPS, LED
lighting, adapter, battery charger, home appliances, office equipment,
and telecommunication applications.
Features and Benefits
Glass Passivated Die Construction
Miniature Package Saves Space on PC Boards
Low Leakage Current
Ideal for SMT Manufacturing
Low Forward Voltage Drop
Fast Recovery Time for Higher Efficiency
Surge Overload Rating to 100A Peak
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: DBF
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Lead Free Plating (Matte Tin Finish). Solderable per
MIL-STD-202, Method 208
Polarity: As Marked on Body
Weight: 0.02 grams (Approximate)
Ordering Information (Note 4)
Part Number
Compliance
Case
Packaging
RDBF310-13
Commercial
DBF
3,000/Tape & Reel
RDBF38-13
Commercial
DBF
3,000/Tape & Reel
RDBF36-13
Commercial
DBF
3,000/Tape & Reel
RDBF34-13
Commercial
DBF
3,000/Tape & Reel
RDBF32-13
Commercial
DBF
3,000/Tape & Reel
RDBF31-13
Commercial
DBF
3,000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant. All applicable RoHS exemptions applied.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Green
Top View
Internal Schematic
RDBF3x(x) = Product Type Marking Code
= Manufacturers’ Code Marking
YMD = Date Code Marking
Y = Last Digit of Year (ex: 8 = 2018)
M = See Month/Code Table Below
D = Day 1 to 9 = 1 to 9; Day 10 to 31 = A to V
RDBF3x(x)
YMD


Similar Part No. - RDBF32

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
RDBF3010 SHUNYE-RDBF3010 Datasheet
351Kb / 2P
SURFACE MOUNT FAST RECOVERY BRIDGE RECTIFIER
More results

Similar Description - RDBF32

ManufacturerPart #DatasheetDescription
logo
Daya Electric Group Co....
S3A DAYA-S3A Datasheet
54Kb / 2P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S3G-13-F DIODES-S3G-13-F Datasheet
133Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 16
S3GB-13-F DIODES-S3GB-13-F Datasheet
248Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 17
S3JB-13-F DIODES-S3JB-13-F Datasheet
133Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 16
S3KB-13 DIODES-S3KB-13 Datasheet
271Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 18
logo
Zibo Seno Electronic En...
DB301S ZSELEC-DB301S Datasheet
73Kb / 2P
3.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
MSB30KH DIODES-MSB30KH Datasheet
506Kb / 5P
3.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 3
MSB30M DIODES-MSB30M Datasheet
607Kb / 5P
3.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 3
logo
DONGGUAN YOU FENG WEI E...
DB302S YFWDIODE-DB302S Datasheet
440Kb / 3P
3.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE
UMSB30B YFWDIODE-UMSB30B Datasheet
460Kb / 3P
3.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com