| Electronic Components Datasheet Search |
|
MM82PC12JM/A Datasheet(PDF) 2 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
MM82PC12JM/A Datasheet(HTML) 2 Page - National Semiconductor (TI) |
|
2 / 8 page ![]() Absolute Maximum Ratings If MilitaryAerospace specified devices are required please contact the National Semiconductor Sales OfficeDistributors for availability and specifications Storage Temperature Range b 65 Cto a150 C Voltage at Any Pin With Respect to Ground b 03V to VCC a 03V Lead Temperature (Soldering 10 seconds) 300 C Power Dissipation 500 mW Maximum VCC 7V Note Absolute maximum ratings are those values beyond which the safety of the device cannot be guaranteed Con- tinuous operation at these limits is not intended operation should be limited to those conditions specified under DC Electrical Characteristics Operating Range VCC e 5V g10% Ambient Temperature Military b 55 Cto a125 C Industrial b 40 Cto a85 C Commercial 0 Cto a70 C DC Electrical Characteristics VCC e 5V g10% GND e 0V unless otherwise specified Symbol Parameter Test Conditions Min Typ Max Units VIH Input High Voltage 07 VCC VCC V VIL Input Low Voltage 0 02 VCC V VOH Output High Voltage VCCe 45V VIH e 45V IOH eb2 mA 24 V VOL Output Low Voltage VCCe 55V VIL e 0V VIH e 55V IOL e 2 mA 04 V IIH Input High Current VCCe 55V VIN e 55V 10 m A IIL Input Low Current VCCe 55V VIN e 0V b 10 m A IOH Output High Current VCCe 45V VOUT e 24V VIH e 45V b 20 mA IOL Output Low Current VCCe 55V VOUT e 04V VIL e 0V 20 mA ICC Power Supply Current VCCe 55V VIH e 55V VIL e 0V 400 m A IOZL TRI-STATE Low Leakage VCCe 55V VOUT e 0V b 10 m A Current IOZH TRI-STATE High Leakage VCCe 45V VOUT e 45V 10 m A Current AC Electrical Characteristics TA eb55 Cto a125 C VCC e 5V g10% GND e 0V unless otherwise specified Symbol Parameter Test Conditions Min Typ Max Units tPW Pulse Width (STB DS1 DS2 CLR) 25 40 ns tPD Data In to Data Out 45 60 ns tWE Write Enable to Data Out 55 75 ns tSET Data Setup Time 15 ns tH Data Hold Time 20 ns tR Reset to Data Out 50 65 ns tS Select to Interrupt 50 65 ns tC Clear to Data Out 45 60 ns tED Output EnableDisable Time 50 65 ns 2 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |