Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC9330 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPC9330
Description  3.3V / 2.5V 1:6 LVCMOS PLL CLOCK GENERATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9330 Datasheet(HTML) 2 Page - Motorola, Inc

  MPC9330 Datasheet HTML 1Page - Motorola, Inc MPC9330 Datasheet HTML 2Page - Motorola, Inc MPC9330 Datasheet HTML 3Page - Motorola, Inc MPC9330 Datasheet HTML 4Page - Motorola, Inc MPC9330 Datasheet HTML 5Page - Motorola, Inc MPC9330 Datasheet HTML 6Page - Motorola, Inc MPC9330 Datasheet HTML 7Page - Motorola, Inc MPC9330 Datasheet HTML 8Page - Motorola, Inc MPC9330 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MPC9330
MOTOROLA
TIMING SOLUTIONS
2
Figure 1. MPC9330 Logic Diagram
GND
QA1
QA0
VCC
FSELA
FSELB
FSELC
GND
QC1
QC0
VCC
FB_IN
CLK_STOP1
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
123456
78
24
23
22
21
20
19
18
17
16
MPC9330
Figure 2. MPC9330 32–Lead Package Pinout (Top View)
NC
The MPC9330 requires an external RC filter for the analog power supply pin VCC_PLL. Please see application section for details.
CLK_STOP0
NC
PLL
÷2
÷4
÷6
1
0
0
1
÷16
1
0
1
0
÷2
÷4
1
0
1
0
1
0
3
OE/MR
QA0
QA1
QB0
QB1
QC0
QC1
Bank A
Bank B
Bank C
25k
25k
3 x 25k
25k
VCC
VCC
25k
VCC
25k
VCC
3 x 25k
VCC
CLK
STOP
CLK
STOP
CLK
STOP
Ref
FB
VCO
CLK_STOP1
CLK_STOP0
FSELC
FSELB
FSELA
PLL_EN
PWR_DN
FB_SEL
FB_IN
REF_SEL
CCLK
XTAL_OUT
XTAL_IN
XTAL
25k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com