Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FL-SWITCH-SFN Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # FL-SWITCH-SFN
Description  Five- and Eight-Port Standard Function Ethernet Switches with Narrow Housings ?밎igabit as an Option
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

FL-SWITCH-SFN Datasheet(HTML) 4 Page - PHOENIX CONTACT

  FL-SWITCH-SFN Datasheet HTML 1Page - PHOENIX CONTACT FL-SWITCH-SFN Datasheet HTML 2Page - PHOENIX CONTACT FL-SWITCH-SFN Datasheet HTML 3Page - PHOENIX CONTACT FL-SWITCH-SFN Datasheet HTML 4Page - PHOENIX CONTACT FL-SWITCH-SFN Datasheet HTML 5Page - PHOENIX CONTACT FL-SWITCH-SFN Datasheet HTML 6Page - PHOENIX CONTACT FL-SWITCH-SFN Datasheet HTML 7Page - PHOENIX CONTACT FL-SWITCH-SFN Datasheet HTML 8Page - PHOENIX CONTACT FL-SWITCH-SFN Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
FL SWITCH SFN…
2732_en_D
PHOENIX CONTACT
4
Current Consumption and Inrush Current
Current Consumption (max)
Inrush Current
FL SWITCH SFN 5TX
90 mA (24 V DC)/205 mA (9 V DC)
2.3 A for 3 ms
FL SWITCH SFN 4TX/FX
140 mA (24 V DC)/405 mA (9 V DC)
2.4 A for 2 ms
FL SWITCH SFN 4TX/FX ST
140 mA (24 V DC)/405 mA (9 V DC)
2.9 A for 2 ms
FL SWITCH SFN 8TX
140 mA (24 V DC)/340 mA (9 V DC)
3.1 A for 2 ms
FL SWITCH SFN 7TX/FX
190 mA (24 V DC)/480 mA (9 V DC)
3.4 A for 2 ms
FL SWITCH SFN 7TX/FX ST
190 mA (24 V DC)/480 mA (9 V DC)
3.4 A for 2 ms
FL SWITCH SFN 6TX/2FX
230 mA (24 V DC)/610 mA (9 V DC)
3.6 A for 2 ms
FL SWITCH SFN 6TX/2FX ST
230 mA (24 V DC)/610 mA (9 V DC)
3.3 A for 2 ms
FL SWITCH SFN 8GT
430 mA (24 V DC)/1010 mA (9 V DC)
3.1 A for 3 ms
FL SWITCH SFN 7GT/SX
320 mA (24 V DC)/900 mA (9 V DC)
4.2 A for 3 ms
FL SWITCH SFN 6GT/2SX
350 mA (24 V DC)/960 mA (9 V DC)
4.4 A for 3 ms
FL SWITCH SFN 6GT/2LX
360 mA (24 V DC)/950 mA (9 V DC)
4.4 A for 3 ms
FL SWITCH SFN 6GT/2LX-20
360 mA (24 V DC)/990 mA (9 V DC)
4.4 A for 3 ms
Interfaces
Total number of RJ45 Ethernet interfaces
5/8
MAC Address Table Size (Entries)
1 K (4, 5, 8 TX versions), 8 K (all others)
Properties of RJ45 Ports
Number
4/5/6/7/8
Connection format
8-pos. RJ45 female connector on the switch
Connection medium
Twisted-pair cable with a conductor cross section of 0.14 mm
2
to 0.22 mm
2
Cable impedance
100
Ω
Transmission speed
10/100 Mbps or 10/100/1000 Mbps
Maximum network segment length
100 m
Properties of Fiber Optic Ports
Number
0/1/2
Connection format
100 Mbps
1000 Mbps
SC duplex or ST female connector
SC duplex
Fiber type
Glass
Laser protection
Class 1 according to DIN EN 60825-1:2001-11
Properties of 100 Mbps Multimode
Transmission rate
100 Mbps full duplex
Wavelength
1300/1310 nm
Maximum transmission length, including 3 dB system reserve and 1.5 dB
connector loss
5.4 km glass fiber with F-G 50/125 0.7 dB/km F1200
2.4 km glass fiber with F-G 50/125 1.6 dB/km F800
10.4 km glass fiber with F-G 62.5/125 0.7 dB/km F1000
2.8 km glass fiber with F-G 62.5/125 2.6 dB/km F600
Transmission power (medium type) dynamic (average)
Minimum
Maximum
-23.5 dBm (50/125 µm) / -20 dBm (62.5/125 µm)
-14 dBm (50/125 µm) / -14 dBm (62.5/125 µm)
Transmission power (medium type) static
Minimum
Maximum
-22.5 dBm (50/125 µm) / -19 dBm (62.5/125 µm)
-14 dBm (50/125 µm) / -14 dBm (62.5/125 µm)
Receiver sensitivity
Minimum
Maximum
-31 dBm (dynamic) / -31 dBm (static)
-14 dBm (dynamic) / -14 dBm (static)
Properties of 1000 Mbps Multimode
Transmission rate
1.25 Gbps full duplex
Wavelength
850 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com