Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FL-SWITCH-SFNB Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # FL-SWITCH-SFNB
Description  Five- and Eight-Port Standard Function Ethernet Switch with Narrow Housing
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

FL-SWITCH-SFNB Datasheet(HTML) 2 Page - PHOENIX CONTACT

  FL-SWITCH-SFNB Datasheet HTML 1Page - PHOENIX CONTACT FL-SWITCH-SFNB Datasheet HTML 2Page - PHOENIX CONTACT FL-SWITCH-SFNB Datasheet HTML 3Page - PHOENIX CONTACT FL-SWITCH-SFNB Datasheet HTML 4Page - PHOENIX CONTACT FL-SWITCH-SFNB Datasheet HTML 5Page - PHOENIX CONTACT FL-SWITCH-SFNB Datasheet HTML 6Page - PHOENIX CONTACT FL-SWITCH-SFNB Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FL SWITCH SFNB…
2642_en_H
PHOENIX CONTACT
2
3Ordering Data
Description
Type
Order No.
Pcs./Pkt.
Ethernet switch with 5 RJ45 ports
FL SWITCH SFNB 5TX
2891001
1
Ethernet switch with 8 RJ45 ports
FL SWITCH SFNB 8TX
2891002
1
Ethernet switch with 4 RJ45 ports and 1 SC format fiber optic port
FL SWITCH SFNB 4TX/FX
2891027
1
Ethernet switch with 4 RJ45 ports and 1 ST format fiber optic port
FL SWITCH SFNB 4TX/FX ST
2891028
1
Ethernet switch with 4 RJ45 ports and 1 SC format single-mode
fiber optic port
FL SWITCH SFNB 4TX/FX SM20
2891029
1
Accessories
Description
Type
Order No.
Pcs./Pkt.
Universal end clamp
E/NS 35 N
0800886
50
Patch angle with 2 ports in CAT 5e
FL PF 2TX CAT5E
2891165
1
Patch angle with 8 ports in CAT 5e
FL PF 8TX CAT5E
2891178
1
Patch angle with 2 ports in CAT 6
FL PF 2TX CAT6
2891068
1
Patch angle with 8 ports in CAT 6
FL PF 8TX CAT6
2891071
1
Patch angle with security elements for 2 ports in CAT 5e
FL PF SEC 2TX
2832687
1
Patch angle with security elements for 8 ports in CAT 5e
FL PF SEC 8TX
2832690
1
Patchbox 8 x RJ45 CAT 5e, pre-assembled, can be retrofitted
FL PBX 8TX
2832496
1
Patch cable, CAT 5, pre-assembled, 0.3 m long
FL CAT5 PATCH 0,3
2832250
10
Patch cable, CAT 5, pre-assembled, 0.5 m long
FL CAT5 PATCH 0,5
2832263
10
Patch cable, CAT 5, pre-assembled, 1.0 m long
FL CAT5 PATCH 1,0
2832276
10
Patch cable, CAT 5, pre-assembled, 1.5 m long
FL CAT5 PATCH 1,5
2832221
10
Patch cable, CAT 5, pre-assembled, 2.0 m long
FL CAT5 PATCH 2,0
2832289
10
Patch cable, CAT 5, pre-assembled, 3.0 m long
FL CAT5 PATCH 3,0
2832292
10
Patch cable, CAT 5, pre-assembled, 5.0 m long
FL CAT5 PATCH 5,0
2832580
10
Patch cable, CAT 5, pre-assembled, 7.5 m long
FL CAT5 PATCH 7,5
2832616
10
Patch cable, CAT 5, pre-assembled, 10.0 m long
FL CAT5 PATCH 10
2832629
10
Lockable security element for FL PATCH…
FL PATCH GUARD
2891424
20
Key for FL PATCH GUARD
FL PATCH GUARD KEY
2891521
1
Color marker for FL PATCH GUARD, black
FL PATCH GUARD CCODE BK
2891136
12
Color marker for FL PATCH GUARD, blue
FL PATCH GUARD CCODE BU
2891233
12
Color marker for FL PATCH GUARD, orange
FL PATCH GUARD CCODE OG
2891330
12
Color marker for FL PATCH GUARD, yellow
FL PATCH GUARD CCODE YE
2891437
12
Color marker for FL PATCH GUARD, turquoise
FL PATCH GUARD CCODE TQ
2891534
12
Color marker for FL PATCH GUARD, green
FL PATCH GUARD CCODE GN
2891631
12
Color marker for FL PATCH GUARD, red
FL PATCH GUARD CCODE RD
2891738
12
Color marker for FL PATCH GUARD, violet
FL PATCH GUARD CCODE VT
2891835
12



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com