Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK4358ES Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK4358ES
Description  25 AMP, 500 VOLT IGBT PLUS DIODE FULLY ISOLATED SMART POWER 3-PHASE MOTOR DRIVE POWER HYBRID
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4358ES Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK4358ES Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4358ES Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4358ES Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4358ES Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4358ES Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4358ES Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
4358
FEATURES:
500V, 25 Amp Capability at 110°C
Fully Isolated Bridge
Ultra Low Thermal Resistance
Integral Free Wheeling Fast Recovery Epitaxial Diode (FRED)
Self-Contained, Smart Lowside/Highside Drive Circuitry and Isolated Supply
Adjustable Deadtime
Capable of Switching Frequencies to 20KHz
Isolated Case Allows Direct Heat Sinking
Case Bolt-down Design Allows Superior Heat Dissipation
MIL-PRF-38534 CERTIFIED
25 AMP, 500 VOLT IGBT PLUS DIODE
FULLY ISOLATED
SMART POWER 3-PHASE MOTOR
DRIVE POWER HYBRID
EQUIVALENT SCHEMATIC
DESCRIPTION:
The MSK 4358 is a 25 Amp, 3 Phase Isolated Bridge Smart Power Motor Drive Hybrid with a 500 volt rating. The
output switches are Insulated Gate Bipolar Transistors (IGBT's) tailored for high switching speeds. The free-wheeling
diodes are Fast Recovery Epitaxial Diodes (FRED's) to provide matched current capabilities with the IGBT's and are
specified with excellent reverse recovery times at high current ratings. The bridge is optically isolated from the control
circuitry. This new smart power motor drive hybrid is compatible with 5v CMOS or TTL logic levels. The internal circuitry
prevents simultaneous turn-on of the in-line half bridge transistors with adjustable deadtime to prevent shoot-through.
Undervoltage lockout shuts down the bridge when the supply voltage gets to a point of incomplete turn-on of the output
switches. The isolated internal high-side power supply derived from the +15 volt supply completely eliminates the need for
3 floating independent power supplies for the high-side drive.
1
2
3
4
5
6
7
8
9
10
11
+15V
GND
AHI
ALO
BHI
BLO
+15V
GND
CHI
CLO
+15V
TYPICAL APPLICATIONS
ISO-9001 CERTIFIED BY DSCC
3 PHASE SIX STEP DC BRUSHLESS MOTOR DRIVE
OR 3 PHASE SINUSOIDAL INDUCTION MOTOR DRIVE
PIN-OUT INFORMATION
PRELIMINARY Rev. B 11/01
1
12
13
14
15
16
17
18
19
20
21
22
GND
RESET
R/C
+15V
GND
OSCOUT
N/C
N/C
N/C
N/C
N/C
23
24
25
26
27
28
29
30
31
32
33
N/C
N/C
RKELVIN+
RKELVIN-
RSENSE-
RSENSE+
CV-
N/C
CØ
CV+
N/C
34
35
36
37
38
39
40
41
42
43
N/C
BV-
N/C
BØ
BV+
N/C
AV-
N/C
AØ
AV+


Similar Part No. - MSK4358ES

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4358 MSK-MSK4358_15 Datasheet
820Kb / 7P
Integral Free Wheeling Fast Recovery Epitaxial Diode (FRED)
More results

Similar Description - MSK4358ES

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4322 MSK-MSK4322 Datasheet
324Kb / 6P
20 AMP, 200 VOLT MOSFET SMART POWER 3-PHASE MOTOR DRIVE POWER HYBRID
MSK4351 MSK-MSK4351 Datasheet
405Kb / 6P
50 AMP, 500 VOLT IGBT PLUS DIODE FULLY ISOLATED SMART POWER 3-PHASE MOTOR DRIVE POWER HYBRID
MSK4303HU MSK-MSK4303HU Datasheet
228Kb / 6P
10 AMP, 75 VOLT MOSFET SMART POWER 3-PHASE MOTOR DRIVE HYBRID
MSK4354HU MSK-MSK4354HU Datasheet
260Kb / 6P
10 AMP, 600 VOLT IGBT SMART POWER 3-PHASE MOTOR DRIVE HYBRID
MSK4357HU MSK-MSK4357HU Datasheet
335Kb / 6P
28 AMP, 500 VOLT IGBT PLUS DIODE SMART POWER 3-PHASE MOTOR DRIVE HYBRID
MSK4422S MSK-MSK4422S Datasheet
260Kb / 6P
20 AMP, 200 VOLT MOSFET SMART POWER 3-PHASE MOTOR DRIVE HYBRID
MSK4454S MSK-MSK4454S Datasheet
227Kb / 6P
10 AMP, 600 VOLT IGBT SMART POWER 3-PHASE MOTOR DRIVE HYBRID
logo
Anaren Microwave
MSK4351-1 ANAREN-MSK4351-1 Datasheet
891Kb / 7P
50 AMP, 500 VOLT IGBT PLUS DIODE FULLY ISOLATED SMART POWER 3-PHASE MOTOR DRIVE POWER HYBRID
MSK4322 ANAREN-MSK4322 Datasheet
447Kb / 7P
20 AMP, 200 VOLT MOSFET SMART POWER 3-PHASE
MSK4304RH ANAREN-MSK4304RH Datasheet
153Kb / 7P
10 AMP, 100 VOLT RAD HARD MOSFET POWER 3-PHASE MOTOR DRIVE HYBRID
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com