Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0039014053 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0039014053
Description  Mini-Fit Jr. Plug Housing, Single Row, 5 Circuits, UL 94V-0, with Panel Mounting Ears
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0039014053 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0039014053_18 Datasheet HTML 1Page - Molex Electronics Ltd. 0039014053_18 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 08/14/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0039014053
Status:
Active
Overview:
Mini-Fit Jr. Power Connectors
Description:
Mini-Fit Jr. Plug Housing, Single Row, 5 Circuits, UL 94V-0, with Panel Mounting Ears,
Natural
Documents:
3D Model
Application Specification AS-5557-001-001 (PDF)
Drawing (PDF)
Packaging Specification PK-5559-003-001 (PDF)
Product Specification PS-5556-001-001 (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification TS-5556-002-001 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
5559
Application
Power, Wire-to-Board, Wire-to-Wire
Comments
Current = 13A max. per circuit when header is mated
to a receptacle loaded with 45750 series terminals
crimped to 16 AWG wire. . See Molex product
specification PS-45750-001 for additional current
derating information.
Overview
Mini-Fit Jr. Power Connectors
Product Name
Mini-Fit Jr.
UPC
800753584129
Physical
Breakaway
No
Circuits (maximum)
5
Color - Resin
Natural
Flammability
94V-0
Gender
Plug
Glow-Wire Capable
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Nylon
Net Weight
2.099/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
Yes
Pitch - Mating Interface
4.20mm
Pitch - Termination Interface
4.20mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40° to +105°C
Electrical
Current - Maximum per Contact
13.0A
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Engineering Number
5559-05P2-210
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/61/2018 (27 June
2018)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
5559 Series
Mates With
Crimp Housing 39-01-4051
Use With
5558 Mini-Fit Jr. Male Crimp Terminals.
30490 Mini-Fit Male Grounding Crimp
Terminals <br> 46012 Mini-Fit Plus Crimp
Terminal


Similar Part No. - 0039014053_18

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0039014053 MOLEX3-0039014053 Datasheet
344Kb / 4P
4.20mm (.165") Pitch Mini-Fit Jr. Plug Housing, Single Row, with Panel Mount Ears
More results

Similar Description - 0039014053_18

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0039012046 MOLEX1-0039012046_18 Datasheet
31Kb / 1P
Mini-Fit Jr. Plug Housing, Dual Row, 4 Circuits, UL 94V-0, with Panel Mounting Ears
0039014033 MOLEX1-0039014033_18 Datasheet
31Kb / 2P
Mini-Fit Jr. Plug Housing, Single Row, 3 Circuits, UL 94V-0, with Panel Mounting Ears
0039014037 MOLEX1-0039014037_18 Datasheet
46Kb / 2P
Mini-Fit Jr. Plug Housing, Single Row, 3 Circuits, UL 94V-0, without Panel Mounting Ears
0039014043 MOLEX1-0039014043 Datasheet
33Kb / 2P
Mini-Fit Jr. Plug Housing, Single Row, 4 Circuits, UL 94V-0, with Panel Mounting Ears
0039014047 MOLEX1-0039014047_18 Datasheet
48Kb / 2P
Mini-Fit Jr. Plug Housing, Single Row, 4 Circuits, UL 94V-0, without Panel Mounting Ears
0039014052 MOLEX1-0039014052_18 Datasheet
33Kb / 2P
Mini-Fit Jr. Plug Housing, Single Row, 5 Circuits, UL 94V-2, with Panel Mounting Ears
0039014057 MOLEX1-0039014057_18 Datasheet
48Kb / 2P
Mini-Fit Jr. Plug Housing, Single Row, 5 Circuits, UL 94V-0, without Panel Mounting Ears
0039014063 MOLEX1-0039014063 Datasheet
33Kb / 2P
Mini-Fit Jr. Plug Housing, Single Row, 6 Circuits, UL 94V-0, with Panel Mounting Ears
0039014067 MOLEX1-0039014067 Datasheet
48Kb / 2P
Mini-Fit Jr. Plug Housing, Single Row, 6 Circuits, UL 94V-0, without Panel Mounting Ears
0469990657 MOLEX1-0469990657 Datasheet
32Kb / 2P
Mini-Fit Jr. Plug Housing, Single Row, 2 Circuits, UL 94V-0, with Panel Mounting Ears
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com